Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS81256SIP Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS81256SIP
Description  3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS81256SIP Datasheet(HTML) 4 Page - Texas Instruments

  TPS81256SIP Datasheet HTML 1Page - Texas Instruments TPS81256SIP Datasheet HTML 2Page - Texas Instruments TPS81256SIP Datasheet HTML 3Page - Texas Instruments TPS81256SIP Datasheet HTML 4Page - Texas Instruments TPS81256SIP Datasheet HTML 5Page - Texas Instruments TPS81256SIP Datasheet HTML 6Page - Texas Instruments TPS81256SIP Datasheet HTML 7Page - Texas Instruments TPS81256SIP Datasheet HTML 8Page - Texas Instruments TPS81256SIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SIP-9
(TOP VIEW)
SIP-9
(BOTTOM VIEW)
A1
B1
C1
A2
B2
C2
VIN
GND
GND
VOUT
A3
C3
VOUT
VOUT
A3
C3
A2
B2
C2
VOUT
VOUT
VOUT
VIN
C1
GND
GND
A1
B1
B3
EN
B3
EN
TPS81256
SLVSAZ9 – JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum values are at VIN = 2.5V to 5.5V, VOUT = 5.0V (or VIN, whichever is higher), EN = 1.8V, TA = –40°C to
85°C; Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT
= 5.0V, EN = 1.8V, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
fOSC
Oscillator frequency
TPS81256
VIN = 3.6V, VOUT = 5.0V, IOUT = 500mA
4
MHz
TIMING
IOUT = 0mA
TPS8125x
70
µs
Time from active EN to start switching
Start-up time
IOUT = 0mA
TPS81256
400
µs
Time from active EN to VOUT
PIN ASSIGNMENTS (TPS8125X)
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
This is the enable pin of the device. Connecting this pin to ground forces the device into shutdown
EN
B2
I
mode. Pulling this pin high enables the device. This pin must not be left floating and must be
terminated.
GND
A1, A2, B1
Ground pin.
VIN
C1, C2
I
Power supply input.
VOUT
A3, B3, C3
O
Boost converter output.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS81256


Similar Part No. - TPS81256SIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256SIP TI1-TPS81256SIP Datasheet
473Kb / 14P
[Old version datasheet]   TPS8125xEVM
TPS81256SIPR TI1-TPS81256SIPR Datasheet
4Mb / 27P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256SIPR TI1-TPS81256SIPR Datasheet
4Mb / 27P
[Old version datasheet]   High Efficiency Step-Up Converter In MicroSiP Packaging
TPS81256SIPT TI1-TPS81256SIPT Datasheet
4Mb / 27P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256SIPT TI1-TPS81256SIPT Datasheet
4Mb / 27P
[Old version datasheet]   High Efficiency Step-Up Converter In MicroSiP Packaging
More results

Similar Description - TPS81256SIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256 TI1-TPS81256_14 Datasheet
4Mb / 27P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI-TPS81256_15 Datasheet
4Mb / 26P
[Old version datasheet]   TPS81256 3-W, High Efficiency Step-Up Converter In MicroSiP??Packaging
TPS81256 TI1-TPS81256_16 Datasheet
4Mb / 27P
[Old version datasheet]   High Efficiency Step-Up Converter In MicroSiP Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com