Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC11P2R2DF Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELC11P2R2DF
Description  Pin terminal inductors featuring small size and high performance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC11P2R2DF Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELC11P2R2DF Datasheet HTML 1Page - Panasonic Semiconductor ELC11P2R2DF Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
– 207 –
Performance Characteristics by Series
Type
Construction
Extermal
Dimensions
D H (mm)
Inductance
(µH)
0.1
1.0
10
100
1000
10000
Current
IDC (A)
09D
φ9.5 8.9
(with case)
0.08 to 3.5
11D
φ11.5 13.9
(with case)
0.16 to 5.3
12D
φ12.5 16.5
0.27 to 1.9
16B
φ16.0 23.0
0.26 to 8.5
18B
φ20.0 27.0
0.36 to 8.5
10E–L
φ10.0 13.0
0.10 to 2.9
12E–L
φ13.0 18.5
0.13 to 4.4
15E–L
φ16.0 22.0
(3 pin terminal)
0.30 to 5.4
18E–L
φ19.0 25.1
(4 pin terminal)
0.33 to 5.9
: Taping Available
2.2
10000
2.2
10000
100
10000
3.3
10000
3.9
8200
4.7
10000
5.6
10000
5.6
10000
3.3
10000
Sep. 2010
00


Similar Part No. - ELC11P2R2DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D100F PANASONIC-ELC11D100F Datasheet
321Kb / 4P
   Choke coils
ELC11D100F PANASONIC-ELC11D100F Datasheet
136Kb / 7P
   Choke Coils
ELC11D101F PANASONIC-ELC11D101F Datasheet
321Kb / 4P
   Choke coils
ELC11D102F PANASONIC-ELC11D102F Datasheet
321Kb / 4P
   Choke coils
ELC11D103F PANASONIC-ELC11D103F Datasheet
321Kb / 4P
   Choke coils
More results

Similar Description - ELC11P2R2DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC09D2R2 PANASONIC-ELC09D2R2_12 Datasheet
144Kb / 6P
   Choke Coils Pin terminal inductors featuring small size and high performance
logo
Vanlong Technology Co.,...
AD-SERIES VANLONG-AD-SERIES Datasheet
48Kb / 1P
   Small and light size
logo
Panasonic Semiconductor
ERJ-8GEYJ182V PANASONIC-ERJ-8GEYJ182V Datasheet
84Kb / 2P
   Small size and lightweight
logo
List of Unclassifed Man...
VAF512 ETC2-VAF512 Datasheet
122Kb / 3P
   Small and compact size
logo
Panasonic Semiconductor
ERJ-8GEYJ102V PANASONIC-ERJ-8GEYJ102V Datasheet
84Kb / 2P
   Small size and lightweight
logo
ON Semiconductor
NCP1396A ONSEMI-NCP1396A_10 Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High-Voltage Drivers
November, 2010 -- Rev. 7
logo
Kemet Corporation
T488R227M004AAE2K0 KEMET-T488R227M004AAE2K0 Datasheet
845Kb / 14P
   Small Case Size Substrate Terminal MnO2
logo
ON Semiconductor
NCP1396A ONSEMI-NCP1396A Datasheet
441Kb / 27P
   High Performance Resonant Mode Controller featuring High?뭭oltage Drivers
February, 2007 ??Rev. P0
NCP1396AP ONSEMI-NCP1396AP Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
logo
Rochester Electronics
EP1810GC-35 ROCHESTER-EP1810GC-35 Datasheet
1,003Kb / 9P
   HIGH PERFORMANCE COMPLEX EPLD featuring up to 64 inputs and 48 outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com