Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD4025 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMD4025
Description  SMD Quartz Crystal Resonator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMD4025 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMD4025 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD4025 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD4025 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD4025 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD4025 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD4025 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD4025 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD4025 Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2.2 INSIDE STRUCTURE
DESCRIPTION
1
Quartz Blank
2
Electrode
3
Lid
4
Base
5
Conductive adhesive
2.3 MARKING
FREQUENCY
Year/Moth Code : Please make reference the form
Production line code
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
2018
2019
2020
2021
2022
Year
Month
2023
2024
2025
2026
JAN
A
N
a
n
FEB
B
P
b
p
MAR
C
Q
c
q
APR
D
R
d
r
MAY
E
S
e
s
JUN
F
T
f
t
JUL
G
U
g
u
AUG
H
V
h
v
SEP
J
W
j
w
OCT
K
X
k
x
NOV
L
Y
l
y
DEC
M
Z
m
z
27.000
AKER Ay
HCX-4SB(27MHz)
SMD Quartz Crystal Resonator
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.


Similar Part No. - SMD4025

ManufacturerPart #DatasheetDescription
logo
Fronter Electronics Co....
SMD4025 FRONTER-SMD4025 Datasheet
175Kb / 2P
   4 Pad Version 4.0x2.5 mm
More results

Similar Description - SMD4025

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMD7.0X5.0 LUGUANG-SMD7.0X5.0 Datasheet
423Kb / 8P
   SMD Quartz Crystal Resonator
SMD2520 LUGUANG-SMD2520 Datasheet
318Kb / 8P
   SMD Quartz Crystal Resonator
SMD5032 LUGUANG-SMD5032 Datasheet
474Kb / 8P
   SMD Quartz Crystal Resonator
logo
List of Unclassifed Man...
FM206 ETC2-FM206 Datasheet
135Kb / 1P
   QUARTZ CRYSTAL RESONATOR
AT38 ETC2-AT38 Datasheet
221Kb / 1P
   QUARTZ CRYSTAL RESONATOR
UM-1 ETC2-UM-1 Datasheet
193Kb / 1P
   QUARTZ CRYSTAL RESONATOR
DT38 ETC2-DT38 Datasheet
208Kb / 1P
   QUARTZ CRYSTAL RESONATOR
FTX32 ETC2-FTX32 Datasheet
189Kb / 1P
   QUARTZ CRYSTAL RESONATOR
FTX221S ETC2-FTX221S Datasheet
167Kb / 1P
   QUARTZ CRYSTAL RESONATOR
FTX321S ETC2-FTX321S_1 Datasheet
147Kb / 1P
   QUARTZ CRYSTAL RESONATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com