Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1003S040 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ADC1003S040
Description  Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1003S040 Datasheet(HTML) 5 Page - Integrated Device Technology

  ADC1003S040 Datasheet HTML 1Page - Integrated Device Technology ADC1003S040 Datasheet HTML 2Page - Integrated Device Technology ADC1003S040 Datasheet HTML 3Page - Integrated Device Technology ADC1003S040 Datasheet HTML 4Page - Integrated Device Technology ADC1003S040 Datasheet HTML 5Page - Integrated Device Technology ADC1003S040 Datasheet HTML 6Page - Integrated Device Technology ADC1003S040 Datasheet HTML 7Page - Integrated Device Technology ADC1003S040 Datasheet HTML 8Page - Integrated Device Technology ADC1003S040 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ADC1003S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
5 of 19
Integrated Design Technology
ADC1003S030/040/050
Single 10 bits ADC, up to 30 MHz, 40 Mhz or 50 MHz, with voltage
regulator
8. Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA
analog supply voltage
[1]
0.3
+7.0
V
VCCD
digital supply voltage
[1]
0.3
+7.0
V
VCCO
output supply voltage
staged
[1]
0.3
+7.0
V
VCC
supply voltage difference
VCCA  VCCD
1.0
+1.0
V
VCCA  VCCO
1.0
+4.0
V
VCCD VCCO
1.0
+4.0
V
VI
input voltage
referenced to
AGND
0.3
+7.0
V
Vi(clk)(p-p)
peak-to-peak clock input
voltage
referenced to
DGND
-
VCCD
V
IO
output current
-
10
mA
Tstg
storage temperature
55
+150
C
Tamb
ambient temperature
40
+85
C
Tj
junction temperature
-
150
C
[1]
The supply voltages VCCA, VCCD and VCCO may have any value between 0.3 V and +7.0 V provided that
the supply voltage differences
VCC are respected.
9. Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
110
K/W
D4
20
data output; bit 4
D5
21
data output; bit 5
D6
22
data output; bit 6
D7
23
data output; bit 7
D8
24
data output; bit 8
D9
25
data output; bit 9 (Most Significant Bit (MSB))
IR
26
in-range data output
DGND1
27
digital ground 1
VCCD1
28
digital supply voltage 1 (5 V)
Table 3.
Pin description …continued
Symbol
Pin
Description


Similar Part No. - ADC1003S040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1003S040 NXP-ADC1003S040 Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
ADC1003S040TS NXP-ADC1003S040TS Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Renesas Technology Corp
ADC1003S040TS RENESAS-ADC1003S040TS Datasheet
485Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
More results

Similar Description - ADC1003S040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Renesas Technology Corp
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com