Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SSW-108-22-G-D-VS Datasheet(HTML) 21 Page - Silicon Laboratories

Part No. SSW-108-22-G-D-VS
Description  Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo 

SSW-108-22-G-D-VS Datasheet(HTML) 21 Page - Silicon Laboratories

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 36 page
background image
Si2493/57/34/15/04
Global ISOmodem-EVB
Rev. 0.7
21
18
1
JP11
HEADER
4X1
Header
CONN-1X4
TSW-104-07-T-S
Samtec
19
2
JP12, JP14
JUMPER
Header
CONN-1X2
TSW-102-07-T-S
Samtec
20
1
JP23
HEADER
1x3
Header
CONN-1X3
TSW-103-07-T-S
Samtec
21
3
JP33, JP34,
JP35
JUMPER
Unshroud
ed
CONN-1X2
68000-402
Berg
22
1
J5
RJ-11
RJ-11
RJ11-DUAL-
MTJG
MTJG-2-64-2-2-1
ADAM TECH
23
1
J6
HEADER
5x3
Header
TSW-105-07-S-T
Samtec
24
1
J8
CONN
TRBLK 2
TERM
BLK
CONN-1X2-TB
1729018
PHOENIX
CONTACT
25
1
J9
Power
Jack
1 A
BARREL
CONN-3-PWR
ADC-002-1
Adam Tech
26
1
J10
DB9
D-SUB
CONN-9-DBF
D09S33E4GX00LF
FCI
27
1
J11
USB Type
B
USB
CONN-USB-B
292304-1
Tyco
28
1
J101
HEADER
8x2
Header
CONN2X8
16/80 pins of 9-146252-0-
08
Tyco/AMP
29
1
J102
Socket 1x4
Header
SSW-104-01-T-S
Samtec
30
1
J103
8X2
Shrouded
Header
Shrouded
CONN2X8-4W
5103309-3
Tyco
31
1
LS1
SPEAKER
0.5 W
Max
RE-2308-NL
RE-2308-NL
Regal
32
7
R31, R40,
R41, R42,
R43, R52,
R109, R110,
R111, R112
10 k
1/10 W
±1%
ThickFilm
R0603
CR0603-10W-1002F
Venkel
33
3
R33, R34,
R35
1k
1/16 W
±1%
ThickFilm
R0603
CR0603-16W-1001F
Venkel
34
1
R48
100 k
1/10 W
±1%
ThickFilm
R0603
CR0603-10W-1003F
Venkel
35
1
R57
0.05
1/4 W
±5%
ThickFilm
R0805
LCR0805-R050J
Venkel
36
1
R59
1
1/10 W
±1%
ThickFilm
R0603
CR0603-10W-1R00F
Venkel
37
1
R101
200
1/10 W
±5%
ThickFilm
R0603
CR0603-10W-2000J
Venkel
38
1
R102
1.33 k
1/10 W
±1%
ThickFilm
R0603
CR0603-10W-1331F
Venkel
39
2
R103, R105
1.6
1/4 W
±5%
ThickFilm
R1206
CR1206-8W-1R6J
Venkel
40
11
R155, R156,
R157, R158,
R159, R160,
R161, R162,
R163, R169,
R170
681
1/10 W
±1%
ThickFilm
R0603
CR0603-10W-6810F
Venkel
Table 5. Si24xx Motherboard Bill of Materials (Continued)
Item
Qty
Ref
Value
Rating
Voltage
Tol
Type
PCB Footprint
Mfr Part Number
Mfr


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn