Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4010-C2-GS Datasheet(PDF) 2 Page - Silicon Laboratories

Part # Si4010-C2-GS
Description  CRYSTAL-LESS SOC RF TRANSMITTER
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4010-C2-GS Datasheet(HTML) 2 Page - Silicon Laboratories

  Si4010-C2-GS Datasheet HTML 1Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 2Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 3Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 4Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 5Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 6Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 7Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 8Page - Silicon Laboratories Si4010-C2-GS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
Si4010-C2
2
Rev. 1.0
Functional Block Diagram
Si4010
NVM
8 Kbyte
EEPROM
128-bit
VDD
GND
PA
RAM/
ROM
PUSH
BUTTONS
CR2032
COIN CELL
1.8 – 3.6 V
DIVIDER
I/O
INTERFACE
GPIO
4/8
INTEGRATED 8051 MCU
LDO REGULATOR
TXM
TXP
LOOP
ANTENNA
FSK
OOK
LED
VDD


Similar Part No. - Si4010-C2-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4010-C2-GS SILABS-Si4010-C2-GS Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
SI4010-C2-GS SILABS-SI4010-C2-GS Datasheet
3Mb / 157P
   CRYSTAL-LESS SOC RF TRANSMITTER
Rev. 1.1 8/20
More results

Similar Description - Si4010-C2-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4010 SILABS-SI4010 Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-C2-GT SILABS-SI4010-C2-GT Datasheet
3Mb / 157P
   CRYSTAL-LESS SOC RF TRANSMITTER
Rev. 1.1 8/20
SI4012 SILABS-SI4012 Datasheet
118Kb / 16P
   CRYSTAL-LESS RF TRANSMITTER
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
   Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
logo
Holtek Semiconductor In...
HT6P427A HOLTEK-HT6P427A Datasheet
1Mb / 9P
   Learning RF Encoder with Crystal SOC
logo
Fujitsu Component Limit...
MB9G711 FUJITSU-MB9G711 Datasheet
1Mb / 2P
   SoC for 'CD-Less' Car Audio System
logo
List of Unclassifed Man...
TWS-434 ETC2-TWS-434 Datasheet
223Kb / 2P
   RF TRANSMITTER
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com