Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3100SBL Datasheet(PDF) 11 Page - Silicon Laboratories

Part # P3100SBL
Description  Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

P3100SBL Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button P3100SBL Datasheet HTML 7Page - Silicon Laboratories P3100SBL Datasheet HTML 8Page - Silicon Laboratories P3100SBL Datasheet HTML 9Page - Silicon Laboratories P3100SBL Datasheet HTML 10Page - Silicon Laboratories P3100SBL Datasheet HTML 11Page - Silicon Laboratories P3100SBL Datasheet HTML 12Page - Silicon Laboratories P3100SBL Datasheet HTML 13Page - Silicon Laboratories P3100SBL Datasheet HTML 14Page - Silicon Laboratories P3100SBL Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Si2493/57/34/15/04
Global ISOmodem-EVB
Rev. 0.7
11
2.2. Modem Daughter Card Operation
The Si2493/57/34/15/04URT-EVB daughter card is a
complete modem solution perfectly suited for use in an
embedded system. The daughtercard contains both the
modem system-side chip and the isolated line interface
(DAA).
The daughter card requires a 3.3 V supply capable of
providing at least 35 mA and communicates with the
system via LVCMOS/TTL-compatible digital signals on
JP1. The RJ-11 jack (TIP and RING) is connected via
JP2. Be sure to provide the proper power-on reset pulse
to the daughter card if it is used in the stand-alone
mode.
2.2.1. Reset Requirements
The Si2493/57/34/15/04 ISOmodem® daughter card
must be properly reset at powerup. The reset pin (pin 8)
of the Si2493/57/34/15/04 (JP103, J101 pin 13) must be
held low for at least 5.0 ms after power is applied and
stabilized to ensure the device is properly reset.
2.2.2. Crystal Requirements
Clock accuracy and stability are important in modem
applications. To ensure reliable communication between
modems, the clock must remain within ±100 ppm of the
design value over the life of the modem. The crystal
selected for use in a modem application must have a
frequency tolerance of less than ±100 ppm for the
combination of initial frequency tolerance, drift over the
normal operating temperature range, and five year
aging.
Other
considerations,
such
as
production
variations in PC board capacitance and the tolerance of
loading capacitors, must also be taken into account.
2.2.3. Protection
The Si2493/57/34/15/04-EVB meets or exceeds all FCC
and
international
PTT
requirements
and
recommendations for high-voltage surge and isolation
testing without any modification. The protection/isolation
circuitry includes C1, C2, C8, C9, FB1, FB2, and RV1.
The PCB layout is also a key “component” in the
protection
circuitry.
The
Si2493/57/34/15/04-EVB
provides isolation to 3 kV. Contact Silicon Laboratories
for information about designing to higher levels of
isolation.


Similar Part No. - P3100SBL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3100SBL LITTELFUSE-P3100SBL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
P3100SBLRP LITTELFUSE-P3100SBLRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P3100SBLRP LITTELFUSE-P3100SBLRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
logo
HuaXinAn Electronics CO...
P3100SBLRP HUAXINAN-P3100SBLRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P3100SBLRP LITTELFUSE-P3100SBLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P3100SBL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
   Evaluation board Rev.1 for AK4368
AKD4555 AKM-AKD4555 Datasheet
824Kb / 27P
   Evaluation board Rev.0 for AK4555
AKD4145-A AKM-AKD4145-A Datasheet
1Mb / 32P
   Evaluation board Rev.3 for AK4145
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
   Evaluation board Rev.0 for AK4160
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4186-A AKM-AKD4186-A Datasheet
872Kb / 19P
   Evaluation board Rev.1 for AK4186
AKD4629-A AKM-AKD4629-A Datasheet
1Mb / 68P
   Evaluation board Rev.1 for AK4629
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5374-A AKM-AKD5374-A Datasheet
1Mb / 28P
   Evaluation board Rev.1 for AK5374
AKD4691-A AKM-AKD4691-A Datasheet
1Mb / 68P
   Evaluation board Rev.0 for AK4691
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com