Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC1608T1R0KR Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # CBC1608T1R0KR
Description  WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC1608T1R0KR Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  CBC1608T1R0KR Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0KR Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0KR Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0KR Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0KR Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0KR Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0KR Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0KR Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0KR Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74
12
wound02_e-02
PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant
frequency
〔MHz〕
min.
Resistance
DC
〔Ω〕
(±30%)
Rated current〔mA〕
Measuring
frequency
〔MHz〕
Saturation current
Idc1
Temperature rise
current
Idc2
CB C2016T1R0M
RoHS
1.0
±20%
100
0.10
1100
1100
7.96
CB C2016T1R5M
RoHS
1.5
80
0.15
1000
1000
CB C2016T2R2M
RoHS
2.2
70
0.20
750
720
CB C2016T3R3M
RoHS
3.3
55
0.27
600
610
CB C2016T4R7M
RoHS
4.7
45
0.37
550
530
CB C2016T6R8M
RoHS
6.8
38
0.59
450
450
CB C2016T100□
RoHS
10
±10%
±20%
32
0.82
380
350
2.52
CB C2016T150□
RoHS
15
28
1.2
300
300
CB C2016T220□
RoHS
22
16
1.8
250
240
CB C2016T330□
RoHS
33
14
2.8
220
220
CB C2016T470□
RoHS
47
11
4.3
150
150
CB C2016T680□
RoHS
68
10
7.0
130
130
CB C2016T101□
RoHS
100
8
8.0
110
110
0.796
・□Please specify the Inductance tolerance code(Kor M)
2518(1007)TYPE
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant
frequency
〔MHz〕
min.
Resistance
DC
〔Ω〕
(±30%)
Rated current〔mA〕
Measuring
frequency
〔MHz〕
Saturation current
Idc1
Temperature rise
current
Idc2
CB 2518T1R0M
RoHS
1.0
±20%
100
0.06
1200
1500
7.96
CB 2518T1R5M
RoHS
1.5
80
0.07
650
1400
CB 2518T2R2M
RoHS
2.2
68
0.09
510
1300
CB 2518T3R3M
RoHS
3.3
54
0.11
440
1200
CB 2518T4R7MR
RoHS
4.7
46
0.10
310
1200
CB 2518T4R7M
RoHS
4.7
46
0.13
340
1100
CB 2518T6R8M
RoHS
6.8
38
0.15
270
930
CB 2518T100□
RoHS
10
±10%
±20%
30
0.25
250
820
2.52
CB 2518T150□
RoHS
15
23
0.32
180
650
CB 2518T220□
RoHS
22
19
0.50
165
580
CB 2518T330□
RoHS
33
15
0.70
130
460
CB 2518T470□
RoHS
47
12
0.95
110
420
CB 2518T680□
RoHS
68
9.5
1.5
70
310
CB 2518T101□
RoHS
100
9.0
2.1
60
260
0.796
CB 2518T151□
RoHS
150
7.0
3.2
55
210
CB 2518T221□
RoHS
220
5.5
4.5
50
180
CB 2518T331□
RoHS
330
4.5
7.0
40
140
CB 2518T471□
RoHS
470
3.5
10
35
120
CB 2518T681□
RoHS
680
3.0
17
30
90
CB 2518T102□
RoHS
1000
2.4
24
25
75
0.252
・□Please specify the Inductance tolerance code(Kor M)
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant
frequency
〔MHz〕
min.
Resistance
DC
〔Ω〕
(±30%)
Rated current〔mA〕
Measuring
frequency
〔MHz〕
Saturation current
Idc1
Temperature rise
current
Idc2
CB C2518T1R0M
RoHS
1.0
±20%
100
0.08
1000
1200
7.96
CB C2518T1R5M
RoHS
1.5
80
0.11
950
1190
CB C2518T2R2M
RoHS
2.2
68
0.13
890
1100
CB C2518T3R3M
RoHS
3.3
54
0.16
730
1020
CB C2518T4R7M
RoHS
4.7
41
0.20
680
920
CB C2518T6R8M
RoHS
6.8
38
0.30
550
740
CB C2518T100□
RoHS
10
±10%
±20%
30
0.36
480
680
2.52
CB C2518T150□
RoHS
15
23
0.65
350
500
CB C2518T220□
RoHS
22
19
0.77
320
460
CB C2518T330□
RoHS
33
15
1.5
270
320
CB C2518T470□
RoHS
47
12
1.9
240
290
CB C2518T680□
RoHS
68
9.5
2.8
200
200
CB C2518T101□
RoHS
100
9.0
3.7
160
170
0.796
CB C2518T151□
RoHS
150
7.0
6.1
140
130
CB C2518T221□
RoHS
220
5.5
8.4
115
110
CB C2518T331□
RoHS
330
4.5
12.3
100
90
CB C2518T471□
RoHS
470
3.5
22
80
70
CB C2518T681□
RoHS
680
3.0
28
65
60
・□Please specify the Inductance tolerance code(Kor M)
※)The saturation current value(Idc1)is the DC current value having inductance decrease down to 30%.(at 20℃)
※)The temperature rise current value(Idc2)is the DC current value having temperature increase up to 40℃.(at 20℃)


Similar Part No. - CBC1608T1R0KR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBC16 ETC2-CBC16 Datasheet
206Kb / 2P
   CBC Bench Counting Scales
More results

Similar Description - CBC1608T1R0KR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CB2518T471K TAIYO-YUDEN-CB2518T471K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T680K TAIYO-YUDEN-CB2518T680K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T100KR TAIYO-YUDEN-CB2012T100KR_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T3R3M TAIYO-YUDEN-CB2016T3R3M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T4R7M TAIYO-YUDEN-CB2016T4R7M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R0M TAIYO-YUDEN-CB2518T1R0M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T150K TAIYO-YUDEN-CB2518T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T100K TAIYO-YUDEN-CB2016T100K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R5M TAIYO-YUDEN-CB2518T1R5M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T150K TAIYO-YUDEN-CB2012T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T220M TAIYO-YUDEN-CB2012T220M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com