Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7863 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7863
Description  Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7863 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7863 Datasheet HTML 1Page - Texas Instruments ADS7863 Datasheet HTML 2Page - Texas Instruments ADS7863 Datasheet HTML 3Page - Texas Instruments ADS7863 Datasheet HTML 4Page - Texas Instruments ADS7863 Datasheet HTML 5Page - Texas Instruments ADS7863 Datasheet HTML 6Page - Texas Instruments ADS7863 Datasheet HTML 7Page - Texas Instruments ADS7863 Datasheet HTML 8Page - Texas Instruments ADS7863 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
ADS7863
SBAS383E – JUNE 2007 – REVISED JANUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +125°C, entire power-supply range, VREF = 2.5V (internal), fCLK = 32MHz, and tDATA = 2MSPS, unless
otherwise noted.
ADS7863
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RESOLUTION
12
Bits
ANALOG INPUT
FSR
Full-scale differential input range
(CHxx+) – (CHxx–)
–VREF
+VREF
V
VIN
Absolute input voltage
CHxx+ or CHxx+ to AGND
–0.1
AVDD + 0.1
V
CIN
Input capacitance
CHxx+ or CHxx– to AGND
2
pF
CID
Differential input capacitance
4
pF
IIL
Input leakage current
–1
+1
nA
CMRR
Common-mode rejection ratio
Both ADCs, dc to 100kHz
72
dB
DC ACCURACY
–40°C < TA < +125°C
–1.25
±0.6
+1.25
LSB
INL
Integral nonlinearity
–40°C < TA < +85°C
–1
±0.5
+1
LSB
DNL
Differential nonlinearity
–1
±0.5
+1
LSB
VOS
Input offset error
–3
±0.5
+3
LSB
VOS match
–3
±0.5
+3
LSB
dVOS/dT
Input offset thermal drift
±3
mV/°C
GERR
Gain error
Referred to voltage at REFIN
–0.5
+0.5
%
GERR match
–0.5
±0.1
+0.5
%
GERR/dT
Gain error thermal drift
Referred to voltage at REFIN
±1
ppm/°C
PSRR
Power-supply rejection ratio
AVDD = 5.5V
70
dB
AC ACCURACY
SINAD
Signal-to-noise + distortion
VIN = 5VPP at 100kHz
69.8
71
dB
SNR
Signal-to-noise ratio
VIN = 5VPP at 100kHz
70
71.5
dB
THD
Total harmonic distortion
VIN = 5VPP at 100kHz
–81
–76
dB
SFDR
Spurious-free dynamic range
VIN = 5VPP at 100kHz
76
84
dB
SAMPLING DYNAMICS
tCONV
Conversion time per ADC
1MHz < fCLK ≤ 32MHz
16
tCLK
tACQ
Acquisition time
2
tCLK
tDATA
Data rate
1MHz < fCLK ≤ 32MHz
62.5
2000
kSPS
tA
Aperture delay
6
ns
tA match
50
ps
tAJIT
Aperture jitter
50
ps
fCLK
Clock frequency on CLOCK
1
32
MHz
TCLK
Clock period
31.25
1000
ns
INTERNAL VOLTAGE REFERENCE
Resolution
Reference output DAC resolution
10
Bits
Over 20%...100% DAC range
0.2VREFOUT
VREFOUT
V
DAC = 0x3FF,
VREFOUT
Reference output voltage
2.485
2.500
2.515
V
–40°C < TA < +125°C
DAC = 0x3FF at +25°C
2.495
2.500
2.505
V
dVREFOUT/dT
Reference voltage drift
±10
ppm/°C
–9.76
±2.44
9.76
mV
DNLDAC
DAC differential nonlinearity
–4
±1
4
LSB
–9.76
±1.22
9.76
mV
INLDAC
DAC integral nonlinearity
–4
±0.5
4
LSB
–9.76
±2.44
9.76
mV
VOSDAC
DAC offset error
VREFOUT = 0.5V
–4
±1
4
LSB
(1)
All typical values at TA = +25°C.
4
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS7863


Similar Part No. - ADS7863

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7863 TI-ADS7863 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7863ADBQ TI1-ADS7863ADBQ Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
More results

Similar Description - ADS7863

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS8361IDBQG4 TI1-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
ADS8363SRHBT TI-ADS8363SRHBT Datasheet
709Kb / 49P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com