Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1413S105HN-C1 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ADC1413S105HN-C1
Description  Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1413S105HN-C1 Datasheet(HTML) 1 Page - Integrated Device Technology

  ADC1413S105HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1413S105HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1413S105HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1413S105HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1413S105HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1413S105HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1413S105HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1413S105HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1413S105HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
®
1. General description
The ADC1413S is a single channel 14-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performance and low power at sample rates up to 125 Msps. Pipelined
architecture and output error correction ensure the ADC1413S is accurate enough to
guarantee zero missing codes over the entire operating range. Supplied from a 3 V source
for analog and a 1.8 V source for the output driver, it outputs data in serial mode via a
single differential lane, which complies with the JESD204A standard. The integration of
Serial Peripheral Interface (SPI) allows the user to easily configure the ADCs and the
serial output modes. The device also includes a programmable full-scale SPI to allow a
flexible input voltage range from 1 V (p-p) to 2 V (p-p).
Excellent dynamic performance is maintained from the baseband to input frequencies of
170 MHz or more, making the ADC1413S ideal for use in communications, imaging, and
medical applications.
2. Features and benefits
3. Applications
ADC1413S series
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;
serial JESD204A interface
Rev. 03 — 2 July 2012
Product data sheet
SNR, 72.1 dBFS; SFDR, 86 dBc
Input bandwidth, 600 MHz
Sample rates up to 125 Msps
Power dissipation, 550 mW at 80 Msps
Single channel, 14-bit pipelined ADC
core
SPI register programming
3 V, 1.8 V power supplies
Duty cycle stabilizer
Flexible input voltage range: 1 V (p-p)
to2V(p-p)
High Intermediate Frequency (IF)
capability
serial output
Offset binary, two’s complement, gray
code
Compliant with JESD204A serial
transmission standard
Power-down mode and Sleep mode
Pin compatible with the
ADC1613S series, ADC1213S series,
and ADC1113S125
HVQFN32 package
Wireless and wired broadband
communications
Portable instrumentation
Spectral analysis
Imaging systems
Ultrasound equipment


Similar Part No. - ADC1413S105HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413S105HN NXP-ADC1413S105HN Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
More results

Similar Description - ADC1413S105HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com