Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1415S105HN-C1 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ADC1415S105HN-C1
Description  Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1415S105HN-C1 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ADC1415S105HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1415S105HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1415S105HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1415S105HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1415S105HN-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1415S105HN-C1 Datasheet HTML 10Page - Integrated Device Technology ADC1415S105HN-C1 Datasheet HTML 11Page - Integrated Device Technology ADC1415S105HN-C1 Datasheet HTML 12Page - Integrated Device Technology ADC1415S105HN-C1 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
ADC1415S_SER 5
© IDT 2012. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2012
9 of 40
Integrated Device Technology
ADC1415S series
Single 14-bit ADC; input buffer; CMOS or LVDS DDR digital outputs
[1]
Typical values measured at VDDA(3V) =3 V, VDDO = 1.8 V, VDDA(5V) =5V; Tamb =25 C and CL = 5 pF; minimum and maximum values
are across the full temperature range Tamb = 40 C to +85 C at VDDA(3V) =3 V, VDDO = 1.8 V, VDDA(5V) =5V, VINP  VINM = 1 dBFS;
internal reference mode; applied to CMOS and LVDS interface; unless otherwise specified.
Accuracy
INL
integral non-linearity
5-
+5
LSB
DNL
differential non-linearity
guaranteed no
missing codes
0.95
0.5
+0.95
LSB
Eoffset
offset error
-
2-
mV
EG
gain error
-
0.5
-
%FS
Supply
PSRR
power supply rejection ratio
200 mV (p-p) on
VDDA(3V)
-
54
-
dBc
Table 6.
Static characteristics[1] …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - ADC1415S105HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1415S105HN PHILIPS-ADC1415S105HN Datasheet
304Kb / 42P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Mspswith input buffer; CMOS or LVDS DDR digital outputs
Rev. 4-17 December 2010
ADC1415S105HN/C1 NXP-ADC1415S105HN/C1 Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1415S105HN/C1 NXP-ADC1415S105HN/C1 Datasheet
184Kb / 33P
   Single 14-bit ADC 65, 80, 105 or 125 Msps with Input Buffer CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
More results

Similar Description - ADC1415S105HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Integrated Device Techn...
ADC1215S IDT-ADC1215S Datasheet
383Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com