Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1443D125HD Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ADC1443D125HD
Description  Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1443D125HD Datasheet(HTML) 2 Page - Integrated Device Technology

  ADC1443D125HD Datasheet HTML 1Page - Integrated Device Technology ADC1443D125HD Datasheet HTML 2Page - Integrated Device Technology ADC1443D125HD Datasheet HTML 3Page - Integrated Device Technology ADC1443D125HD Datasheet HTML 4Page - Integrated Device Technology ADC1443D125HD Datasheet HTML 5Page - Integrated Device Technology ADC1443D125HD Datasheet HTML 6Page - Integrated Device Technology ADC1443D125HD Datasheet HTML 7Page - Integrated Device Technology ADC1443D125HD Datasheet HTML 8Page - Integrated Device Technology ADC1443D125HD Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ADC1443D_SER
© IDT 2012. All rights reserved.
Objective data sheet
Rev. 03 — 19 July 2012
2 of 49
Integrated Device Technology
ADC1443D series
Dual 14-bit ADC; 125, 160 or 200 Msps; JESD204A/B serial outputs
3. Applications
4. Ordering information
Two JESD204B serial output lanes, up
to 5 Gbps typical
Pin to pin compatible with ADC1413D
series
Single 1.8 V supply
Power-down and sleep modes
Flexible input voltage range from
1 V (p-p) to 2 V (p-p) by 1 dB steps
Industrial temperature range from
40 C to +85 C
Clock input divider from 1 to 8 supports
harmonic clocking
Serial Peripheral Interface (SPI) for
configuration control and status
monitoring
Duty Cycle Stabilizer (DCS)
HLQFN56 package; 8
 8mm
Offset binary and two’s complement
output data
Wireless infrastructure: LTE, TD-LTE,
WiMAX, MC-GSM, CDMA, WCDMA,
TD-SCDMA
Microwave backhaul transceivers
Software defined radio
Aerospace and defense
communications and radar systems
Medical non-invasive scanners
Industrial signal analysis instruments
Scientific particle detectors
General-purpose high-speed
applications
Table 1.
Ordering information
Type number
fs (Msps) Package
Name
Description
Version
ADC1443D200HD
200
HLQFN56
plastic thermal enhanced low profile quad flat package;
no leads; 56 terminals; resin based; body 8
 8  1.35 mm
SOT935-2
ADC1443D160HD
160
HLQFN56
plastic thermal enhanced low profile quad flat package;
no leads; 56 terminals; resin based; body 8
 8  1.35 mm
SOT935-2
ADC1443D125HD
125
HLQFN56
plastic thermal enhanced low profile quad flat package;
no leads; 56 terminals; resin based; body 8
 8  1.35 mm
SOT935-2


Similar Part No. - ADC1443D125HD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1443D125HD IDT-ADC1443D125HD Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
More results

Similar Description - ADC1443D125HD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
logo
Renesas Technology Corp
ADC1443D RENESAS-ADC1443D Datasheet
4Mb / 53P
   Dual 14-bit ADC; 125, 160 or 185 Msps; JESD204A/B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ADC1453D RENESAS-ADC1453D Datasheet
3Mb / 49P
   Dual 14-bit ADC; up to 246 Msps; JESD204B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com