Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1613D105HN-C1 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ADC1613D105HN-C1
Description  Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1613D105HN-C1 Datasheet(HTML) 4 Page - Integrated Device Technology

  ADC1613D105HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1613D105HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1613D105HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1613D105HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1613D105HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1613D105HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1613D105HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1613D105HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1613D105HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ADC1613D_SER 4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
4 of 41
Integrated Device Technology
ADC1613D series
Dual 16-bit ADC: serial JESD204A interface
6. Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pinning diagram
005aaa169
ADC1613D
Transparent top view
DGND
INBM
INBP
DGND
VCMB
VDDD
REFBT
CMLPB
REFBB
CMLNB
AGND
VDDD
CLKM
DGND
CLKP
DGND
AGND
VDDD
REFAB
CMLNA
REFAT
CMLPA
VCMA
VDDD
INAM
DGND
INAP
DGND
14
29
13
30
12
31
11
32
10
33
9
34
8
35
7
36
6
37
5
38
4
39
3
40
2
41
1
42
Table 2.
Pin description
Symbol
Pin
Type [1]
Description
INAP
1
I
channel A analog input
INAM
2
I
channel A complementary analog input
VCMA
3
O
channel A output common voltage
REFAT
4
O
channel A top reference
REFAB
5
O
channel A bottom reference
AGND
6
G
analog ground
CLKP
7
I
clock input
CLKM
8
I
complementary clock input
AGND
9
G
analog ground
REFBB
10
O
channel B bottom reference
REFBT
11
O
channel B top reference
VCMB
12
O
channel B output common voltage
INBM
13
I
channel B complementary analog input


Similar Part No. - ADC1613D105HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1613D105HN NXP-ADC1613D105HN Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
ADC1613D105HN/C1 NXP-ADC1613D105HN/C1 Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
More results

Similar Description - ADC1613D105HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613S NXP-ADC1613S Datasheet
736Kb / 39P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com