Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1610S065HN-C1 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ADC1610S065HN-C1
Description  Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1610S065HN-C1 Datasheet(HTML) 1 Page - Integrated Device Technology

  ADC1610S065HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1610S065HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
®
1. General description
The ADC1610S is a single-channel 16-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performance and low power consumption at sample rates up to 125 Msps.
Pipelined architecture and output error correction ensure the ADC1610S is accurate
enough to guarantee zero missing codes over the entire operating range. Supplied from a
single 3 V source, it can handle output logic levels from 1.8 V to 3.3 V in CMOS mode,
because of a separate digital output supply. It supports the Low Voltage Differential
Signaling (LVDS) Double Data Rate (DDR) output standard. An integrated Serial
Peripheral Interface (SPI) allows the user to easily configure the ADC. The device also
includes a programmable full-scale SPI to allow a flexible input voltage range from
1 V to 2 V (peak-to-peak). With excellent dynamic performance from the baseband to
input frequencies of 170 MHz or more, the ADC1610S is ideal for use in communications,
imaging and medical applications.
2. Features and benefits
3. Applications
ADC1610S series
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;
CMOS or LVDS DDR digital outputs
Rev. 04 — 2 July 2012
Product data sheet
SNR, 72.5 dBFS; SFDR, 88 dBc
Input bandwidth, 600 MHz
Sample rate up to 125 Msps
Power dissipation, 430 mW at 80 Msps
16-bit pipelined ADC core
Serial Peripheral Interface (SPI)
Clock input divided by 2 for less jitter
Duty cycle stabilizer
Single 3 V supply
Fast OuT-of-Range (OTR) detection
Flexible input voltage range: 1 V (p-p) to
2 V (p-p)
Offset binary, two’s complement, gray
code
CMOS or LVDS DDR digital outputs
Power-down and Sleep modes
HVQFN40 package
Wireless and wired broadband
communications
Portable instrumentation
Spectral analysis
Imaging systems
Ultrasound equipment
Software defined radio


Similar Part No. - ADC1610S065HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1610S065HN PHILIPS-ADC1610S065HN Datasheet
311Kb / 40P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 3-25 January 2011
ADC1610S065HN/C1 NXP-ADC1610S065HN/C1 Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
More results

Similar Description - ADC1610S065HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S PHILIPS-ADC1610S_11 Datasheet
311Kb / 40P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 3-25 January 2011
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1010S RENESAS-ADC1010S Datasheet
390Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1010S IDT-ADC1010S Datasheet
386Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com