Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1001D125HL Datasheet(PDF) 2 Page - Integrated Device Technology

Part # DAC1001D125HL
Description  Dual 10-bit DAC, up to 125 Msps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1001D125HL Datasheet(HTML) 2 Page - Integrated Device Technology

  DAC1001D125HL Datasheet HTML 1Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 2Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 3Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 4Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 5Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 6Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 7Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 8Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DAC1001D125 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
2 of 25
Integrated Device Technology
DAC1001D125
Dual 10-bit DAC, up to 125 Msps
4. Ordering information
5. Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
DAC1001D125HL
LQFP48
plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
Fig 1.
Block diagram
001aai947
VDDA
DB9 to DB0
REFIO
DA9 to DA0
DAC1001D125
DAC A
LATCH
DAC
A
DAC B
LATCH
DAC
B
REFERENCE
CONTROL
AMPLIFIER
AVIRES
AGND
VDDD
DGND
BVIRES
GAINCTRL
PWD
IOUTBP
IOUTBN
IOUTAP
IOUTAN
10
10
INPUT A
LATCH
INPUT B
LATCH
10
10
10
WRTA/IQWRT
CLKA/IQCLK
WRTB/IQSEL
CLKB/IQRESET
10


Similar Part No. - DAC1001D125HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1001D125HL NXP-DAC1001D125HL Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
More results

Similar Description - DAC1001D125HL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com