Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233820103 Datasheet(PDF) 6 Page - Texas Instruments

Part # BFC233820103
Description  a Phase-Dimmable, Primary-Side Regulated LED Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BFC233820103 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BFC233820103 Datasheet HTML 2Page - Texas Instruments BFC233820103 Datasheet HTML 3Page - Texas Instruments BFC233820103 Datasheet HTML 4Page - Texas Instruments BFC233820103 Datasheet HTML 5Page - Texas Instruments BFC233820103 Datasheet HTML 6Page - Texas Instruments BFC233820103 Datasheet HTML 7Page - Texas Instruments BFC233820103 Datasheet HTML 8Page - Texas Instruments BFC233820103 Datasheet HTML 9Page - Texas Instruments BFC233820103 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Test Setup
www.ti.com
5
Test Setup
5.1
Test Equipment
Voltage Source: 105 VRMS to 135 VRMS isolated AC source PCR500LA (KIKUSUI)
Multimeters: Agilent 34401A
Power Meter: PM1000 Digital Power Meter (Voltech)
Output Load: 9 LEDs in series (VF = 3.2 V at 350 mA per LED)
Oscilloscope: TDS3045C (TEKTRONIX)
Operating Temperature: 25°C
Recommended Wire Gauge: 18 AWG not more than two feet long
5.2
Recommended Test Setup
Figure 2. LM3447-A19-120VEVM Recommended Test Set Up
5.3
List of Test Points
Table 2. Test Points Functions
TEST POINTS
NAME
DESCRIPTION
TP1
Neutral
120 V
AC neutral connection
TP2
Line
120 V
AC line voltage
J8
LED+
LED anode connection
J9
LED-
LED cathode connection
6
LM3447-A19-120VEVM is a Phase-Dimmable, Primary-Side Regulated LED
SLUU937 – May 2012
Driver
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - BFC233820103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233820103 VISHAY-BFC233820103 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Similar Description - BFC233820103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL6632 ONSEMI-FL6632 Datasheet
489Kb / 15P
   Primary-Side-Regulated LED Driver
May 2015 Rev. 1.0
FL7733A ONSEMI-FL7733A Datasheet
453Kb / 15P
   Primary-Side-Regulated LED Driver
December 2014 Rev. 1.2
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
   Primary-Side-Regulation Dimmable LED Driver Controller
logo
Texas Instruments
LM3447 TI1-LM3447 Datasheet
554Kb / 25P
[Old version datasheet]   Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
logo
Richtek Technology Corp...
RT7310 RICHTEK-RT7310 Datasheet
557Kb / 12P
   Phase-Cut Dimmable Primary-Side Regulation
logo
ON Semiconductor
NCL30386 ONSEMI-NCL30386 Datasheet
317Kb / 21P
   Dimmable Power Factor Corrected LED Driver Featuring Primary Side CC
April, 2018 ??Rev. P2
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
logo
Richtek Technology Corp...
RT8402 RICHTEK-RT8402 Datasheet
554Kb / 13P
   Phase-Cut Dimmable High Side Buck LED Driver
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com