Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71H472KA01D Datasheet(PDF) 1 Page - Texas Instruments

Part # GRM188R71H472KA01D
Description  TAS5612L-TAS5614LDDVEVM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GRM188R71H472KA01D Datasheet(HTML) 1 Page - Texas Instruments

  GRM188R71H472KA01D Datasheet HTML 1Page - Texas Instruments GRM188R71H472KA01D Datasheet HTML 2Page - Texas Instruments GRM188R71H472KA01D Datasheet HTML 3Page - Texas Instruments GRM188R71H472KA01D Datasheet HTML 4Page - Texas Instruments GRM188R71H472KA01D Datasheet HTML 5Page - Texas Instruments GRM188R71H472KA01D Datasheet HTML 6Page - Texas Instruments GRM188R71H472KA01D Datasheet HTML 7Page - Texas Instruments GRM188R71H472KA01D Datasheet HTML 8Page - Texas Instruments GRM188R71H472KA01D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
User's Guide
SLAU375 – May 2012
TAS5612L-TAS5614LDDVEVM
This user’s guide provides specifications for the evaluation module (EVM) for TAS5612L and TAS5614L
Digital Input Class-D Power Stages with the TAS5538 Digital Audio Processor with PWM Output from
Texas Instruments. The user’s guide also describes operation of the EVM and provides design information
including schematic, bill of materials, and PCB layout.
Contents
1
Introduction
.................................................................................................................. 2
1.1
TAS5612L-TAS5614LDDVEVM Features
...................................................................... 5
1.2
EVM Physical Structure
........................................................................................... 5
2
Quick Setup Guide
.......................................................................................................... 6
2.1
Electrostatic Discharge Warning
................................................................................. 6
2.2
Unpacking the EVM
................................................................................................ 7
2.3
Power Supply Setup
............................................................................................... 7
2.4
Speaker Connection
............................................................................................... 7
2.5
Output Configuration BTL and PBTL
............................................................................ 8
2.6
GUI Software Installation and EVM Startup
.................................................................... 9
2.7
Self-Protection and Fault Reporting
............................................................................ 11
3
Related Documentation from Texas Instruments
..................................................................... 11
3.1
Additional Documentation
....................................................................................... 11
Appendix A
Design Information
............................................................................................... 12
List of Figures
1
TAS5612L-TAS5614LDDVEVM
.......................................................................................... 3
2
Input-USB Board3
........................................................................................................... 4
3
Integrated PurePath Digital™ Amplifier System
........................................................................ 5
4
Physical Structure of the TAS5612L-TAS5614LDDVEVM (Approximate Layout)
.................................. 6
5
PBTL Mode Configuration
................................................................................................. 8
6
TAS5538 GUI Window
..................................................................................................... 9
7
Channel and Master Volume GUI
....................................................................................... 10
8
Top Composite PCB Layer
............................................................................................... 15
9
Bottom Composite PCB Layer
........................................................................................... 16
List of Tables
1
TAS5612L-TAS5614LDDVEVM Specification
.......................................................................... 2
2
Recommended PVDD Power Supply Voltages
........................................................................ 7
3
Related Documentation from Texas Instruments
..................................................................... 11
4
Bill of Materials for TAS5614LDDVEVM
............................................................................... 12
PurePath is a trademark of Texas Instruments.
I
2C is a trademark of NXP B.V. Corp Netherlands.
1
SLAU375 – May 2012
TAS5612L-TAS5614LDDVEVM
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - GRM188R71H472KA01D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GRM188R71H472KA01D TI1-GRM188R71H472KA01D Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
GRM188R71H472KA01D TI1-GRM188R71H472KA01D Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
logo
International Rectifier
GRM188R71H472KA01D IRF-GRM188R71H472KA01D Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM188R71H472KA01D IRF-GRM188R71H472KA01D Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com