Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17310Q5A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17310Q5A
Description  Using the TPS51916EVM-746 Complete DDR2, DDR3
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17310Q5A Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD17310Q5A Datasheet HTML 5Page - Texas Instruments CSD17310Q5A Datasheet HTML 6Page - Texas Instruments CSD17310Q5A Datasheet HTML 7Page - Texas Instruments CSD17310Q5A Datasheet HTML 8Page - Texas Instruments CSD17310Q5A Datasheet HTML 9Page - Texas Instruments CSD17310Q5A Datasheet HTML 10Page - Texas Instruments CSD17310Q5A Datasheet HTML 11Page - Texas Instruments CSD17310Q5A Datasheet HTML 12Page - Texas Instruments CSD17310Q5A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
0.001
0.01
0.1
1
10
100
I
- Output Current - A
O
12 Vin
20 Vin
8 Vin
0
10
20
30
40
50
60
70
80
90
100
www.ti.com
Performance Data and Typical Characteristic Curves
Table 3. Test Point Functions (continued)
Test Points
Name
Description
TP4
S3
S3 signal input
TP5
VIN
VIN input
TP6
VLDOIN_EXT
External input for VLDOIN
TP7
S5
S5 signal input
TP8
GND
Ground
TP9
GND
Ground
TP10
SW
Switching node
TP11
VDDQ
VDDQ output
TP12
VTT
VTT output
TP13
GND
Ground
TP14
GND
Ground
TP15
VREF
Internal 1.8-V reference voltage
TP16
GND
Ground
TP17
VTTREF
Buffered VTT reference voltage
TP18
GND
Ground
6.3
Equipment Shutdown
1. Shut down the load.
2. Shut down V5IN and VIN.
3. Shut down the fan.
7
Performance Data and Typical Characteristic Curves
Figure 4 through Figure 22 present typical performance curves for TPS51916EVM-746.
7.1
DDR3 VDDQ Efficiency
Figure 4. DDR3 VDDQ Efficiency
9
SLUU526
– August 2011
Using the TPS51916EVM-746 Complete DDR2, DDR3, DDR3L, and DDR4
Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Reference


Similar Part No. - CSD17310Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17310Q5A TI-CSD17310Q5A Datasheet
367Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results

Similar Description - CSD17310Q5A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
Xilinx, Inc
WP484 XILINX-WP484 Datasheet
974Kb / 12P
   DDR2/DDR3 Low-Cost PCB Design
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com