Electronic Components Datasheet Search |
|
SR151A104MART Datasheet(PDF) 4 Page - AVX Corporation |
|
SR151A104MART Datasheet(HTML) 4 Page - AVX Corporation |
4 / 14 page 18 Radial Leads/SkyCap ®/SR Series Z5U Dielectric For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory. *Other capacitance values available upon special request. Capacitance ranges available for SR12 and SR07 same as SR15 SR62 and SR59 same as SR21 SR64 and SR65 same as SR30 SR75 same as SR40 SR13 same as SR21 NOTE: For others voltages, tolerances, electrical specifications and NPO typical characteristics, see the AVX Multilayer Ceramic Leaded Capacitors Catalog. MAXIMUM CAPACITANCE VALUE STYLE* C0G (NP0) X7R SR29 900 pF .015 µF SR20 1800 pF .033 µF SR28 SR59 900 pF .015 µF SR13 SR21 1800 pF .033 µF SR30 SR61 7200 pF .12 µF SR65 SR40 SR75 .015 µF .27 µF SR22 1800 pF .033 µF SR27 1800 pF .033 µF SR76 .015 µF .27 µF SR50 .036 µF .59 µF AVX 500 VOLT SKYCAPS** *Consult pages 27 and 28 for style sizes. **Voltage rating based on DWV of 150% of rated voltage. AVX Style SR15 SR20 SR21 SR22 SR27 SR30 SR40 SR50 AVX “Insertable” SR07 SR29 SR59 N/A N/A SR65 SR75 N/A Width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (W) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) Height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (H) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) Thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (T) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) Lead Spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (L.S.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) Lead Diameter .508 .508 .508 .508 .508 .508 .508 .635 (L.D.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) Cap. in.* Industry Preferred WVDC WVDC WVDC WVDC WVDC WVDC WVDC WVDC pF Values in Blue 100 50 100 50 100 50 100 50 100 50 100 50 100 50 100 50 10,000 SR155E103ZAR 47,000 SR-----E473ZAR 100,000 SR215E104ZAR 150,000 SR-----E154ZAR 220,000 SR215E224ZAR 330,000 SR215E334ZAR 470,000 SR215E474ZAR 680,000 SR-----E684ZAR 1.0 µF SR-----105ZAR 1.5 µF SR30E155ZAR 2.2 µF SR30E225ZAR 3.3 µF SR30E335ZAR 4.7 µF SR30E475ZAR = Industry preferred values = SR20 only SIZE AND CAPACITANCE SPECIFICATIONS EIA Characteristic Dimensions: Millimeters (Inches) |
Similar Part No. - SR151A104MART |
|
Similar Description - SR151A104MART |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |