Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHP25N40D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIHP25N40D
Description  D Series Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHP25N40D Datasheet(HTML) 5 Page - Vishay Siliconix

  SIHP25N40D Datasheet HTML 1Page - Vishay Siliconix SIHP25N40D Datasheet HTML 2Page - Vishay Siliconix SIHP25N40D Datasheet HTML 3Page - Vishay Siliconix SIHP25N40D Datasheet HTML 4Page - Vishay Siliconix SIHP25N40D Datasheet HTML 5Page - Vishay Siliconix SIHP25N40D Datasheet HTML 6Page - Vishay Siliconix SIHP25N40D Datasheet HTML 7Page - Vishay Siliconix SIHP25N40D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SiHP25N40D
www.vishay.com
Vishay Siliconix
S12-0625-Rev. B, 26-Mar-12
5
Document Number: 91483
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Switching Time Test Circuit
Fig. 13 - Switching Time Waveforms
Fig. 14 - Unclamped Inductive Test Circuit
Fig. 15 - Unclamped Inductive Waveforms
Fig. 16 - Basic Gate Charge Waveform
Fig. 17 - Gate Charge Test Circuit
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
R
G
IAS
0.01
Ω
tp
D.U.T
L
V
DS
+
-
V
DD
10 V
Vary tp to obtain
required IAS
IAS
VDS
VDD
VDS
tp
Q
GS
Q
GD
Q
G
VG
Charge
10 V
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-


Similar Part No. - SIHP25N40D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP25N40D-E3 VISHAY-SIHP25N40D-E3 Datasheet
168Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHP25N40D-GE3 VISHAY-SIHP25N40D-GE3 Datasheet
168Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHP25N40D VISHAY-SIHP25N40D_V01 Datasheet
168Kb / 8P
   D Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHP25N40D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHS36N50D VISHAY-SIHS36N50D Datasheet
174Kb / 8P
   D Series Power MOSFET
Rev. A, 18-Jun-12
SIHF18N50D VISHAY-SIHF18N50D Datasheet
179Kb / 8P
   D Series Power MOSFET
Rev. B, 15-Aug-16
SIHU3N50D VISHAY-SIHU3N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
SIHU5N50D VISHAY-SIHU5N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
IRFP460B VISHAY-IRFP460B Datasheet
186Kb / 8P
   D Series Power MOSFET
Rev. B, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com