Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-001214-SB0PPR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-001214-SB0PPR
Description  GaN on SiC HEMT Pulsed Power Transistor 125W Peak, 1200-1400 MHz, 300關s Pulse, 10% Duty
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-001214-SB0PPR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAGX-001214-SB0PPR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-001214-SB0PPR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-001214-SB0PPR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-001214-SB0PPR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-001214-SB0PPR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-001214-SB0PPR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GaN on SiC HEMT Pulsed Power Transistor
125W Peak, 1200-1400 MHz, 300µs Pulse, 10% Duty
MAGX-001214-125L00
Production V1
18 Aug 11
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications, simu-
lated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be avail-
able. Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings Table (1, 2, 3)
Supply Voltage (VDD)
+65V
Supply Voltage (VGS)
-8 to -2V
Supply Current (IDMAX)
4.8 Apk
Input Power (PIN)
+37 dBm
Absolute Max. Junction/Channel Temp
200ºC
MTTF (TJ<200°C)
114 years
Pulsed Power Dissipation at 85ºC
115 Wpk
Thermal Resistance, (Tj = 70ºC)
VDD = 50V, IDQ = 100mA, Pout = 125W
300us Pulse / 10% Duty
1.0ºC/W
Operating Temp
-40 to +95ºC
Storage Temp
-65 to +150ºC
Mounting Temperature
See solder reflow profile
ESD Min. - Machine Model (MM)
50V
ESD Min. - Human Body Model (HBM)
>250V
MSL Level
MSL1
(1) Operation of this device above any one of these parameters may cause permanent damage.
(2) Channel temperature directly affects a device's MTTF. Channel temperature should be kept as low as
possible to maximize lifetime.
(3) For saturated performance it recommended that the sum of (3*Vdd + abs(Vgg)) <175
Parameter
Test Conditions
Symbol
Min
Typ
Max
Units
DC CHARACTERISTICS
Drain-Source Leakage Current
VGS = -8V, VDS = 175V
IDS
-
0.2
6
mA
Gate Threshold Voltage
VDS = 5V, ID = 15.0mA
VGS (th)
-5
-3.8
-2
V
Forward Transconductance
VDS = 5V, ID = 3.5mA
GM
2.5
3.6
-
S
DYNAMIC CHARACTERISTICS
Input Capacitance
Not applicable—Input internally matched
CiSS
N/A
N/A
N/A
pF
Output Capacitance
VDS = 50V, VGS = -8V, F = 1MHz
COSS
-
11
-
pF
Feedback Capacitance
VDS = 50V, VGS = -8V, F = 1MHz
CRSS
-
1.1
-
pF


Similar Part No. - MAGX-001214-SB0PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001214-SB1PPR MA-COM-MAGX-001214-SB1PPR Datasheet
782Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor 250W Peak, 1200-1400 MHz, 300關s Pulse, 10% Duty
MAGX-001214-SB3PPR MA-COM-MAGX-001214-SB3PPR Datasheet
213Kb / 8P
   GaN on SiC Depletion-Mode Transistor Technology Internally Matched
More results

Similar Description - MAGX-001214-SB0PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001214-250L00 MA-COM-MAGX-001214-250L00 Datasheet
782Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor 250W Peak, 1200-1400 MHz, 300關s Pulse, 10% Duty
MAGX-000912-125L00 MA-COM-MAGX-000912-125L00 Datasheet
791Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor 125W Peak, 960-1215 MHz, 128關s Pulse, 10% Duty
MAGX-001214-125L00-PROD MA-COM-MAGX-001214-125L00-PROD Datasheet
786Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor 125W Peak
MAGX-000912-250L00 MA-COM-MAGX-000912-250L00 Datasheet
788Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor 250W Peak, 960-1215 MHz, 128關s Pulse, 10% Duty
logo
HVVi Semiconductors, In...
HVV1214-025S HVVI-HVV1214-025S Datasheet
225Kb / 2P
   L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000035-045000 MA-COM-MAGX-000035-045000_15 Datasheet
922Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-250L00 MA-COM-MAGX-000912-250L00_15 Datasheet
794Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00_15 Datasheet
1,019Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-003135-120L00 MA-COM-MAGX-003135-120L00_15 Datasheet
632Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com