Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G08-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G08-EP
Description  SINGLE 2-INPUT POSITIVE-AND GATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G08-EP Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G08-EP Datasheet HTML 1Page - Texas Instruments SN74LVC1G08-EP Datasheet HTML 2Page - Texas Instruments SN74LVC1G08-EP Datasheet HTML 3Page - Texas Instruments SN74LVC1G08-EP Datasheet HTML 4Page - Texas Instruments SN74LVC1G08-EP Datasheet HTML 5Page - Texas Instruments SN74LVC1G08-EP Datasheet HTML 6Page - Texas Instruments SN74LVC1G08-EP Datasheet HTML 7Page - Texas Instruments SN74LVC1G08-EP Datasheet HTML 8Page - Texas Instruments SN74LVC1G08-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
A
B
GND
VCC
Y
DESCRIPTION/ORDERING INFORMATION
The SN74LVC1G08 performs the Boolean function Y + A • B or Y + A ) B in positive logic.
SN74LVC1G08-EP
SINGLE 2-INPUT POSITIVE-AND GATE
SCES454C – DECEMBER 2003 – REVISED AUGUST 2006
Controlled Baseline
I
off Supports Partial-Power-Down Mode
Operation
– One Assembly/Test Site, One Fabrication
Site
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
Extended Temperature Performance of –55
°C
to 125
°C
ESD Protection Exceeds JESD 22
Enhanced Diminishing Manufacturing
– 2000-V Human-Body Model (A114-A)
Sources (DMS) Support
– 200-V Machine Model (A115-A)
Enhanced Product-Change Notification
– 1000-V Charged-Device Model (C101)
Qualification Pedigree (1)
Supports 5-V V
CC Operation
Inputs Accept Voltages to 5.5 V
Max t
pd of 3.6 ns at 3.3 V
Low Power Consumption, 10-
µA Max I
CC
±24-mA Output Drive at 3.3 V
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
SOT (SC-70) – DCK
Reel of 3000
SN74LVC1G08IDCKREP
CEO
SOP (SOT-23) – DBV
Reel of 3000
SN74LVC1G08MDBVREP
C08O
–55
°C to 125°C
SOT (SC-70) – DCK
Reel of 3000
SN74LVC1G08MDCKREP
BUB
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
Y
A
B
H
H
H
L
X
L
X
L
L
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G08-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G08-EP TI1-SN74LVC1G08-EP Datasheet
2Mb / 48P
[Old version datasheet]   Single 2-Input Positive-AND Gate
SN74LVC1G08-EP TI1-SN74LVC1G08-EP Datasheet
1Mb / 27P
[Old version datasheet]   Single 2-input positive-AND gate
More results

Similar Description - SN74LVC1G08-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com