Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G32MDCKREPG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CLVC1G32MDCKREPG4
Description  SINGLE 2-INPUT POSITIVE-OR GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC1G32MDCKREPG4 Datasheet(HTML) 1 Page - Texas Instruments

  CLVC1G32MDCKREPG4 Datasheet HTML 1Page - Texas Instruments CLVC1G32MDCKREPG4 Datasheet HTML 2Page - Texas Instruments CLVC1G32MDCKREPG4 Datasheet HTML 3Page - Texas Instruments CLVC1G32MDCKREPG4 Datasheet HTML 4Page - Texas Instruments CLVC1G32MDCKREPG4 Datasheet HTML 5Page - Texas Instruments CLVC1G32MDCKREPG4 Datasheet HTML 6Page - Texas Instruments CLVC1G32MDCKREPG4 Datasheet HTML 7Page - Texas Instruments CLVC1G32MDCKREPG4 Datasheet HTML 8Page - Texas Instruments CLVC1G32MDCKREPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
A
B
GND
VCC
Y
DESCRIPTION/ORDERING INFORMATION
The SN74LVC1G32 performs the Boolean function Y + A ) B or Y + A • B in positive logic.
SN74LVC1G32-EP
SINGLE 2-INPUT POSITIVE-OR GATE
SCES458D – DECEMBER 2003 – REVISED JUNE 2007
• Controlled Baseline
• I
off Supports Partial Power Down Mode
Operation
One Assembly/Test Site, One Fabrication
Site
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Extended Temperature Performance of –55°C
to 125
°C
• ESD Protection Exceeds JESD 22
• Enhanced Diminishing Manufacturing Sources
2000-V Human-Body Model (A114-A)
(DMS) Support
200-V Machine Model (A115-A)
• Enhanced Product-Change Notification
1000-V Charged-Device Model (C101)
• Qualification Pedigree (1)
• Supports 5-V V
CC Operation
• Inputs Accept Voltages to 5.5 V
• Max t
pd of 3.6 ns at 3.3 V
• Low Power Consumption, 10 μA Max I
CC
• ±24-mA Output Drive at 3.3 V
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
This single 2-input positive-OR gate is designed for 1.65-V to 5.5-V VCC operation.
This device is fully specified for partial power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
–40
°C to 85°C
SOT (SC-70) – DCK
Reel of 3000
SN74LVC1G32IDCKREP
CG0
SOT (SC-70) – DCK
Reel of 3000
SN74LVC1G32MDCKREP
BYB
–55
°C to 125°C
SOP (SOT-23) – DBV Reel of 3000
SN74LVC1G32MDBVREP
SBGM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(3)
The actual top-side making has one additional character that designates the wafer fab/assembly site.
FUNCTION TABLE
INPUTS
OUTPUT
Y
A
B
H
X
H
X
H
H
L
L
L
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLVC1G32MDCKREPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC1G3208IDCKRQ1 TI1-CLVC1G3208IDCKRQ1 Datasheet
380Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
More results

Similar Description - CLVC1G32MDCKREPG4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com