Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G74DCT3 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC1G74DCT3
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G74DCT3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC1G74DCT3 Datasheet HTML 4Page - Texas Instruments SN74LVC1G74DCT3 Datasheet HTML 5Page - Texas Instruments SN74LVC1G74DCT3 Datasheet HTML 6Page - Texas Instruments SN74LVC1G74DCT3 Datasheet HTML 7Page - Texas Instruments SN74LVC1G74DCT3 Datasheet HTML 8Page - Texas Instruments SN74LVC1G74DCT3 Datasheet HTML 9Page - Texas Instruments SN74LVC1G74DCT3 Datasheet HTML 10Page - Texas Instruments SN74LVC1G74DCT3 Datasheet HTML 11Page - Texas Instruments SN74LVC1G74DCT3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN74LVC1G74
SCES794B
– SEPTEMBER 2009 – REVISED FEBRUARY 2012
www.ti.com
REVISION HISTORY
Changes from Original (October 2009) to Revision A
Page
Changed Ioff description in FEATURES. ............................................................................................................................... 1
Changed temperature range for DCT and DCU package from (
–40°C to 85°C) to (–40°C to 125°). .................................. 2
Changed TIMING REQUIREMENTS table. .......................................................................................................................... 5
Changed SWITCHING CHARACTERISTICS table. ............................................................................................................. 5
Changes from Revision A (November 2011) to Revision B
Page
Added SN74LVC1G74DCURG4 part number to ORDERING INFORMATION table. ......................................................... 2
8
Submit Documentation Feedback
Copyright
© 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1G74


Similar Part No. - SN74LVC1G74DCT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G74DCTR TI1-SN74LVC1G74DCTR Datasheet
1Mb / 24P
[Old version datasheet]   SN74LVC1G74 Single Positive-Edge-Triggered D-Type Flip-Flop with Clear and Preset
More results

Similar Description - SN74LVC1G74DCT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G74 TI1-SN74LVC2G74_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
SN74LVC2G74 TI-SN74LVC2G74 Datasheet
355Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUC1G74 TI-SN74AUC1G74 Datasheet
266Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP Datasheet
451Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74_08 Datasheet
440Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP_15 Datasheet
753Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-Q1 TI1-SN74LVC2G74-Q1_15 Datasheet
770Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Unisonic Technologies
U74LVC1G74 UTC-U74LVC1G74 Datasheet
185Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LVC2G74 TI-SN74LVC2G74_09 Datasheet
540Kb / 16P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-Q1 TI-SN74LVC2G74-Q1 Datasheet
153Kb / 10P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com