Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC125AMDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125AMDREP
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC125AMDREP Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC125AMDREP Datasheet HTML 1Page - Texas Instruments SN74LVC125AMDREP Datasheet HTML 2Page - Texas Instruments SN74LVC125AMDREP Datasheet HTML 3Page - Texas Instruments SN74LVC125AMDREP Datasheet HTML 4Page - Texas Instruments SN74LVC125AMDREP Datasheet HTML 5Page - Texas Instruments SN74LVC125AMDREP Datasheet HTML 6Page - Texas Instruments SN74LVC125AMDREP Datasheet HTML 7Page - Texas Instruments SN74LVC125AMDREP Datasheet HTML 8Page - Texas Instruments SN74LVC125AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
DESCRIPTION/ORDERING INFORMATION
SN74LVC125A-EP
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCAS739C – DECEMBER 2003 – REVISED DECEMBER 2006
• Controlled Baseline
• Typical V
OHV (Output VOH Undershoot) >2 V at
V
CC = 3.3 V, TA = 25°C
One Assembly/Test Site, One Fabrication
Site
• Latch-Up Performance Exceeds 250 mA Per
JESD 17
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
• ESD Protection Exceeds JESD 22
• Enhanced Product-Change Notification
2000-V Human-Body Model (A114-A)
• Qualification Pedigree (1)
200-V Machine Model (A115-A)
• Operates From 1.65 V to 3.6 V
1000-V Charged-Device Model (C101)
• Inputs Accept Voltages to 5.5 V
• Max t
pd of 4.8 ns at 3.3 V
• Typical V
OLP (Output Ground Bounce) <0.8 V
at V
CC = 3.3 V, TA = 25°C
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
This quadruple bus buffer gate is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC125A features independent line drivers with 3-state outputs. Each output is disabled when the
associated output-enable (OE) input is high.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
TSSOP – PW
Reel of 2000
SN74LVC125AIPWREP
C125AEP
TSSOP – PW
Reel of 2000
SN74LVC125AMPWREP(2)
125AMEP
–55
°C to 125°C
SOIC – D
Reel of 2500
SN74LVC125AMDREP
125AMEP
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
Product Preview
FUNCTION TABLE
(EACH BUFFER)
INPUTS
OUTPUT
Y
OE
A
L
H
H
L
L
L
H
X
Z
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC125AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A Datasheet
281Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI1-SN74LVC125A Datasheet
1Mb / 28P
[Old version datasheet]   SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
More results

Similar Description - SN74LVC125AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com