Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC86AQPWREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC86AQPWREP
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC86AQPWREP Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC86AQPWREP Datasheet HTML 1Page - Texas Instruments SN74LVC86AQPWREP Datasheet HTML 2Page - Texas Instruments SN74LVC86AQPWREP Datasheet HTML 3Page - Texas Instruments SN74LVC86AQPWREP Datasheet HTML 4Page - Texas Instruments SN74LVC86AQPWREP Datasheet HTML 5Page - Texas Instruments SN74LVC86AQPWREP Datasheet HTML 6Page - Texas Instruments SN74LVC86AQPWREP Datasheet HTML 7Page - Texas Instruments SN74LVC86AQPWREP Datasheet HTML 8Page - Texas Instruments SN74LVC86AQPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH - V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
2.7 V
3.3 V
± 0.3 V
500
500
VCC
RL
6 V
6 V
VLOAD
CL
50 pF
50 pF
0.3 V
0.3 V
V
2.7 V
2.7 V
VI
1.5 V
1.5 V
VM
tr/tf
≤2.5 ns
≤2.5 ns
INPUTS
SN74LVC86A-EP
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SCAS752B – DECEMBER 2003 – REVISED JULY 2007
Figure 1. Load Circuit and Voltage Waveforms
4
Submit Documentation Feedback


Similar Part No. - SN74LVC86AQPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC86AQPWRG4Q1 TI1-SN74LVC86AQPWRG4Q1 Datasheet
220Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86AQPWRQ1 TI1-SN74LVC86AQPWRQ1 Datasheet
220Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - SN74LVC86AQPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC86-Q1 TI1-SN74HC86-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74ACT86-EP TI1-CD74ACT86-EP Datasheet
496Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74ACT11086 TI1-74ACT11086 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-Q1 TI1-SN74LVC86A-Q1 Datasheet
220Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086 TI-74AC11086 Datasheet
78Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
REVISED APRIL 1996
CD74AC86 TI1-CD74AC86_14 Datasheet
819Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
logo
Unisonic Technologies
U74AHCT86 UTC-U74AHCT86 Datasheet
175Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LV86A-EP TI1-SN74LV86A-EP Datasheet
512Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086 TI1-74AC11086_15 Datasheet
260Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV86A-Q1 TI1-SN74LV86A-Q1 Datasheet
189Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com