Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1543QDWREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1543QDWREP
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11ANALOG INPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1543QDWREP Datasheet(HTML) 2 Page - Texas Instruments

  TLC1543QDWREP Datasheet HTML 1Page - Texas Instruments TLC1543QDWREP Datasheet HTML 2Page - Texas Instruments TLC1543QDWREP Datasheet HTML 3Page - Texas Instruments TLC1543QDWREP Datasheet HTML 4Page - Texas Instruments TLC1543QDWREP Datasheet HTML 5Page - Texas Instruments TLC1543QDWREP Datasheet HTML 6Page - Texas Instruments TLC1543QDWREP Datasheet HTML 7Page - Texas Instruments TLC1543QDWREP Datasheet HTML 8Page - Texas Instruments TLC1543QDWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TLC1542EP, TLC1543EP
10BIT ANALOGTODIGITAL CONVERTERS WITH
SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS152A − JANUARY 2004 − REVISED FEBRUARY 2006
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(DW)
−40
°C to 125°C
TLC1542QDWREP{
−40
°C to 125°C
TLC1543QDWREP
† This part number is in the product preview stage
of development.
functional block diagram
14-Channel
Analog
Multiplexer
4
10
10
4
REF+
REF −
DATA
OUT
ADDRESS
I/O CLOCK
CS
3
EOC
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
1
2
3
4
5
6
7
8
9
11
12
18
15
17
19
16
14
13
10-Bit
Analog-to-Digital
Converter
(Switched Capacitors)
Sample and
Hold
Input Address
Register
Self-Test
Reference
Output
Data
Register
System
Clock,
Control Logic,
and I/O
Counters
10-to-1 Data
Selector and
Driver
typical equivalent inputs
INPUT CIRCUIT IMPEDANCE DURING SAMPLING MODE
INPUT CIRCUIT IMPEDANCE DURING HOLD MODE
1 k
Ω TYP
Ci = 60 pF TYP
(equivalent input
capacitance)
5 M
Ω TYP
A0 − A10
A0 − A10


Similar Part No. - TLC1543QDWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1543QDWR TI1-TLC1543QDWR Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWR TI1-TLC1543QDWR Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWRG4 TI1-TLC1543QDWRG4 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWRG4 TI1-TLC1543QDWRG4 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com