Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC0820ACNE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC0820ACNE4
Description  Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC0820ACNE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC0820ACNE4 Datasheet HTML 4Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 5Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 6Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 7Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 8Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 9Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 10Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 11Page - Texas Instruments TLC0820ACNE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLC0820AC, TLC0820AI
Advanced LinCMOS
™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL
CONVERTERS USING MODIFIED FLASH TECHNIQUES
SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994
2–8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Data Valid
ta(INT)
td(int)
td(NC)
td(WIH)
tw(W)
CS Low
RD Low
WR/RDY
INT
D0 – D7
50%
50%
50%
50%
50%
90%
10%
Figure 4. Write-Read-Mode Waveforms
(Stand-Alone Operation, MODE High, and RD Low)
RD
Data
Output
Dn = D0 ...D7
RD
tr = 20 ns
Data
Outputs
10%
tdis
10%
50%
90%
CL = 10 pF
tr
VOL
VCC
GND
VCC
VCC
TLC0820
Input
GND
Dn
RD
CS
CL
1 k
Data
Outputs
tr = 20 ns
VCC
GND
VOH
GND
90%
tdis
10%
50%
90%
tr
CL = 10 pF
Input
TLC0820
GND
CS
RD
Dn
CL
1 k
Data
Output
VCC
TEST CIRCUIT
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
TEST CIRCUIT
Figure 5. Test Circuit and Voltage Waveforms


Similar Part No. - TLC0820ACNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0820ACNE4 TI-TLC0820ACNE4 Datasheet
191Kb / 13P
[Old version datasheet]   Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820ACNE4 TI-TLC0820ACNE4 Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
More results

Similar Description - TLC0820ACNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0820AC TI1-TLC0820AC_14 Datasheet
749Kb / 17P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC Datasheet
174Kb / 11P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC_07 Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC_06 Datasheet
191Kb / 13P
[Old version datasheet]   Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
AD7524M TI-AD7524M Datasheet
253Kb / 12P
[Old version datasheet]   Advanced LinCMOSE 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com