Electronic Components Datasheet Search |
|
Y-CONC-R406P-FE6P-2000-A Datasheet(PDF) 4 Page - YAMAHA CORPORATION |
|
Y-CONC-R406P-FE6P-2000-A Datasheet(HTML) 4 Page - YAMAHA CORPORATION |
4 / 42 page TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 3 Description: IP67 protective transport cap for Y-ConCover-10-* / Y-ConCover-40-* IP67-Transportschutzabdeckung für Y-ConCover-10-* / Y-ConCover-40-* Material: Body PE (Transparent white) Gehäuse Specifications: Operating Temp.: -20°C ~+80°C Betriebstemp. Part Number Colour Low Temperature Type EMI Spring Y-ConCover-10-E Blue No Yes Y-ConCover-10-B-E Black No Yes Y-ConCover-10-LT-E Blue Yes Yes Y-ConCover-10-B-LT-E Black Yes Yes Y-ConCover - 10 - * - * - E Part Number (Details) Outline Dimensions Description: IP67/68/69K cover EMI version for self assembly with Y-Con plugs and cables, complete with latches, seals and terminator cap. Integrated EMI spring for improved EMI protection IP67/68/69K-Steckergehäuse EMV Version zur Selbstmontage mit Y-Con Kabelsteckern und Kabeln, komplett mit Rasthaken, Dichtungen und Abschlusskape. Integrierte EMV Feder für verbesserten EMV Schutz Material: Body PBT, UL94V-0 Gehäuse Seal FKM (Viton®) or HNBR Dichtung Fixing clips Stainless steel Rasthaken EMI Spring Brass EMV Feder Specifications: Operating Temp.: Std. - 20°C ~ +120°C Betriebstemp. LT - 40°C ~ +120°C Description: Metal cover for retro-fitting to Y-ConCover-10-* offering increased mechanical stability Metallisches Schutzgehäuse zur Nachrüstung auf Y-ConCover-10-*, für erhöhte mechanische Stabilität Material: Body + Buttons Die-cast zinc Gehäuse Screws Stainless Steel Schrauben Specifications: Operating Temp.: -20°C ~ +120°C Betriebstemp. Part No.: Y-ConCover-30 Part No.: Y-ConAS-21 Accessories Accessories Series Design Number No Mark = Blue B = Black No Mark = Std. LT = Low Temp. E = EMI Version EMI 46.0 IP67/68/69K Protected Components |
Similar Part No. - Y-CONC-R406P-FE6P-2000-A |
|
Similar Description - Y-CONC-R406P-FE6P-2000-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |