Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59116F Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59116F
Description  16-CHANNEL FAST-MODE PLUS I2C BUS LED DRIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59116F Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC59116F Datasheet HTML 2Page - Texas Instruments TLC59116F Datasheet HTML 3Page - Texas Instruments TLC59116F Datasheet HTML 4Page - Texas Instruments TLC59116F Datasheet HTML 5Page - Texas Instruments TLC59116F Datasheet HTML 6Page - Texas Instruments TLC59116F Datasheet HTML 7Page - Texas Instruments TLC59116F Datasheet HTML 8Page - Texas Instruments TLC59116F Datasheet HTML 9Page - Texas Instruments TLC59116F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TLC59116F
SCLS714B
– MARCH 2009 – REVISED JULY 2011
www.ti.com
I
2C INTERFACE BUS TIMING REQUIREMENTS
TA = –40°C to 85°C
STANDARD-MODE
FAST-MODE
FAST-MODE PLUS
I2C BUS
I2C BUS
I2C BUS
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
I2C Interface
fSCL
SCL clock frequency
0
100
0
400
0
1000
kHz
Bus free time between a STOP and
tBUF
4.7
1.3
0.5
µs
START condition
Hold time (repeated) START
tHD;STA
4
0.6
0.26
µs
condition
Set-up time for a (repeated) START
tSU;STA
1.7
0.6
0.26
µs
condition
tSU;STO
Set-up time for STOP condition
4
0.6
0.26
µs
tHD;DAT
Data hold time
0
0
0
ns
tVD;ACK
Data valid acknowledge time(1)
0.3
3.45
0.1
0.9
0.05
0.45
µs
tVD;DAT
Data valid time(2)
0.3
3.45
0.1
0.9
0.05
0.45
µs
tSU;DAT
Data set-up time
250
100
50
ns
tLOW
Low period of the SCL clock
4.7
1.3
0.5
µs
tHIGH
High period of the SCL clock
4
0.6
0.26
µs
Fall times of both SDA and SCL
tf
300
20 + 0.1Cb
(5)
300
120
ns
signals (3) (4)
Rise time of both SDA and SCL
tr
1000
20 + 0.1Cb
(5)
300
120
ns
signals
Pulse width of spikes that must be
tSP
50
50
50
ns
suppressed by the input filter(6)
Reset
tW
Reset pulse width
10
10
10
ns
tREC
Reset recovery time
0
0
0
ns
tRESET
Time to reset(7) (8)
400
400
400
ns
(1)
tVD;ACK = time for acknowledgment signal from SCL low to SDA (out) low.
(2)
tVD;DAT = minimum time for SDA data out to be valid following SCL low.
(3)
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to
bridge the undefined region of SCL
's falling edge.
(4)
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time (tf) for the SDA output stage is specified
at 250 ns. This allows series protection resistors to be connected between the SDA and the SCL pins and the SDA/SCL bus lines
without exceeding the maximum specified tf.
(5)
Cb = total capacitance of one bus line in pF.
(6)
Input filters on the SDA and SCL inputs suppress noise spikes less than 50 ns.
(7)
Resetting the device while actively communicating on the bus may cause glitches or errant STOP conditions.
(8)
Upon reset, the full delay will be the sum of tRESET and the RC time constant of the SDA bus.
6
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - TLC59116F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116FIPWR TI1-TLC59116FIPWR Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel Fast-Mode Plus I2C Bus LED Driver
TLC59116FIRHBR TI1-TLC59116FIRHBR Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel Fast-Mode Plus I2C Bus LED Driver
TLC59116F TI1-TLC59116F_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel Fast-Mode Plus I2C Bus LED Driver
More results

Similar Description - TLC59116F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116F TI1-TLC59116F_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel Fast-Mode Plus I2C Bus LED Driver
logo
NXP Semiconductors
PCA9614 NXP-PCA9614 Datasheet
420Kb / 28P
   2-channel multipoint Fast-mode Plus differential I2C-bus buffer
Rev. 2-21 September 2021
logo
Pericom Semiconductor C...
PI6ULS5V9627A PERICOM-PI6ULS5V9627A Datasheet
465Kb / 10P
   4 Channel Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
PI6ULS5V9617A PERICOM-PI6ULS5V9617A Datasheet
610Kb / 13P
   Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
logo
Texas Instruments
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IRHBR TI1-TLC59116IRHBR Datasheet
1Mb / 38P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
ON Semiconductor
CAT9552 ONSEMI-CAT9552 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com