Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC34058-110MHFG Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC34058-110MHFG
Description  256 횞 24 COLOR PALETTE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC34058-110MHFG Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC34058-110MHFG Datasheet HTML 7Page - Texas Instruments TLC34058-110MHFG Datasheet HTML 8Page - Texas Instruments TLC34058-110MHFG Datasheet HTML 9Page - Texas Instruments TLC34058-110MHFG Datasheet HTML 10Page - Texas Instruments TLC34058-110MHFG Datasheet HTML 11Page - Texas Instruments TLC34058-110MHFG Datasheet HTML 12Page - Texas Instruments TLC34058-110MHFG Datasheet HTML 13Page - Texas Instruments TLC34058-110MHFG Datasheet HTML 14Page - Texas Instruments TLC34058-110MHFG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TLC34058
256
× 24 COLOR PALETTE
SLAS050 – D3961, NOVEMBER 1991
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
11
PARAMETER MEASUREMENT INFORMATION
7.62
0.286
0.00
0.00
92.5 IRE
7.5 IRE
40 IRE
White Level
Black Level
Blank Level
Sync Level
GREEN
RED, BLUE
V
mA
V
mA
19.05
0.714
26.67
1.000
1.44
0.054
9.05
0.340
0.00
0.000
NOTE A: The IRE (Institute of Radio Engineers – now IEEE) scale is used for defining the relative voltage levels of the sync, white, black, and
blank levels in a monitor circuit. The reference white level is set at 100 IRE units. The blanking level is set at
φ IRE units. One IRE unit
is equivalent to 1/100 of the difference between the reference white level and the blanking level.
Figure 3. Composite Video Output Waveforms
COMP
VDD
REF
GND
FS ADJ
IOR
IOG
IOB
TLC34058
RSET
GND
To
Video
Connector
C8
C9
Z1
R1
R2
R3
C1
C10
R4
L1
C2–C4
C5–C7
5 V (VDD)
LOCATION
DESCRIPTION
VENDOR PART NUMBER
C1 – C4, C8, C9
0.1-
µF ceramic capacitor
Erie RPE112Z5U104M50V
C5 – C7
0.01-
µF ceramic chip capacitor
AVX 12102T903QA1018
C10
33-
µF tantalum capacitor
Mallory CSR13-K336KM
L1
ferrite bead
Fair-Rite 2743001111
R1, R2, R3
75-
Ω 1% metal film resistor
Dale CMF-55C
R4
1000-
Ω 1% metal film resistor
Dale CMF-55C
Rset
523-
Ω 1% metal film resistor
Dale CMF-55C
Z1
1.2-V diode
National Semiconductor
LM385Z-1.2
NOTE A: The above listed vendor numbers are listed only as a guide. Substitution of devices with
similar characteristics does not degrade the performance of the TLC34058.
Figure 4. Circuit Diagram


Similar Part No. - TLC34058-110MHFG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34058-110MHFG TI-TLC34058-110MHFG Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
More results

Similar Description - TLC34058-110MHFG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
logo
Analog Devices
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
logo
List of Unclassifed Man...
BT481 ETC-BT481 Datasheet
2Mb / 35P
   256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
logo
Analog Devices
ADV478 AD-ADV478 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478 AD-ADV478_15 Datasheet
208Kb / 12P
   CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
REV. B
logo
List of Unclassifed Man...
BT481A ETC-BT481A Datasheet
327Kb / 52P
   110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
TR9C1710 ETC1-TR9C1710 Datasheet
169Kb / 2P
   GRAPHICS COLOR PALETTE
SC11485 ETC1-SC11485 Datasheet
1Mb / 16P
   HiCOLOR-16 Color Palette
logo
Analog Devices
ADV453 AD-ADV453_15 Datasheet
684Kb / 12P
   CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Rev. B
ADV476 AD-ADV476 Datasheet
175Kb / 12P
   CMOS Monolithic 256x18 Color Palette RAM-DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com