Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK4211EA Datasheet(PDF) 3 Page - Texas Instruments

Part # TLK4211EA
Description  4.25 Gbps Cable and PC Board Equalizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK4211EA Datasheet(HTML) 3 Page - Texas Instruments

  TLK4211EA Datasheet HTML 1Page - Texas Instruments TLK4211EA Datasheet HTML 2Page - Texas Instruments TLK4211EA Datasheet HTML 3Page - Texas Instruments TLK4211EA Datasheet HTML 4Page - Texas Instruments TLK4211EA Datasheet HTML 5Page - Texas Instruments TLK4211EA Datasheet HTML 6Page - Texas Instruments TLK4211EA Datasheet HTML 7Page - Texas Instruments TLK4211EA Datasheet HTML 8Page - Texas Instruments TLK4211EA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
1
2
3
4
VCC
DIN+
DIN−
VCC
RGT PACKAGE
(TOP VIEW)
12
11
10
9
16
VCC
DOUT+
DOUT−
OUTPOL
15
14
13
5
6
7
8
P0019-02
EP
TLK4211EA
SLLS655 – NOVEMBER 2005
Figure 2. Pin Out of TLK4211EA in a 3 mm
× 3 mm 16-Pin QFN Package
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
VCC
1, 4 , 12
Supply
3.3-V
±10% supply voltage
DIN+
2
Analog in
Non-inverted data input. On-chip 100-
Ω terminated to DIN–
DIN–
3
Analog in
Inverted data input. On-chip 100-
Ω terminated to DIN+
NC
5, 7, 13
Not connected
DISABLE
6
CMOS in
Disables CML output stage when set to high level
GND
8, 16
Supply
Circuit ground.
Output data signal polarity select (internally pulled up):
OUTPOL
9
CMOS in
Setting to high-level or leaving pin open selects normal polarity.
Low-level selects inverted polarity.
DOUT–
10
CML out
Inverted data output. On-chip 50-
Ω back-terminated to VCC.
DOUT+
11
CML out
Non-inverted data output. On-chip 50-
Ω back-terminated to VCC.
Offset cancellation filter capacitor terminal 1. Connect an additional filter capacitor between this
COC1
14
Analog
pin and COC2 (pin 15). To disable the offset cancellation loop connect COC1 and COC2 (pins
14 and 15).
Offset cancellation filter capacitor terminal 2. Connect an additional filter capacitor between this
COC2
15
Analog
pin and COC1 (pin 14). To disable the offset cancellation loop connect COC1 and COC2 (pins
14 and 15).
EP
EP
Exposed die pad (EP) must be grounded.
3


Similar Part No. - TLK4211EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTR TI-TLK4201EARGTR Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTRG4 TI-TLK4201EARGTRG4 Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTT TI-TLK4201EARGTT Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTTG4 TI-TLK4201EARGTTG4 Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
More results

Similar Description - TLK4211EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E_10 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
   2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
logo
Texas Instruments
DS50EV401 TI1-DS50EV401_15 Datasheet
2Mb / 19P
[Old version datasheet]   DS50EV401 2.5 Gbps / 5.0 Gbps or 8.0 Gbps Quad Cable and Backplane Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com