Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK4211EARGTRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLK4211EARGTRG4
Description  4.25 Gbps Cable and PC Board Equalizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK4211EARGTRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLK4211EARGTRG4 Datasheet HTML 1Page - Texas Instruments TLK4211EARGTRG4 Datasheet HTML 2Page - Texas Instruments TLK4211EARGTRG4 Datasheet HTML 3Page - Texas Instruments TLK4211EARGTRG4 Datasheet HTML 4Page - Texas Instruments TLK4211EARGTRG4 Datasheet HTML 5Page - Texas Instruments TLK4211EARGTRG4 Datasheet HTML 6Page - Texas Instruments TLK4211EARGTRG4 Datasheet HTML 7Page - Texas Instruments TLK4211EARGTRG4 Datasheet HTML 8Page - Texas Instruments TLK4211EARGTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
TLK4211EA
SLLS655 – NOVEMBER 2005
over operating free-air temperature range (unless otherwise noted)(1)
VALUE / UNIT
VCC
Supply voltage(2)
–0.3 V to 4 V
VDIN+, VDIN–
Voltage at DIN+, DIN–(2)
0.5 V to 4 V
VDISABLE, VOUTPOL, VDOUT+,
Voltage at DISABLE, OUTPOL, DOUT+, DOUT–, COC1, COC2(2)
–0.3 V to 4 V
VDOUT–, VCOC1, VCOC2
VCOC,DIFF
Differential voltage between COC1 and COC2
±1 V
VDIN,DIFF
Differential voltage between DIN+ and DIN–
±2.5 V
IDIN+, IDIN–, IDOUT+, IDOUT–
Continuous current at inputs and outputs
– 25 mA to 25 mA
ESD
ESD rating at all pins
2.5 kV (HBM)
TJ(max)
Maximum junction temperature
125
°C
TSTG
Storage temperature range
–65°C to 85°C
TA
Characterized free-air operating temperature range
–40°C to 85°C
TL
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
TA
Operating free-air temperature
–40
85
°C
CMOS input high voltage
2.1
V
CMOS input low voltage
0.6
V
over recommended operating conditions, typical operating condition is at V
CC = 3.3 V and TA = 25°C(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
ICC
Supply current
DISABLE = low, including CML output current
30
38
mA
RIN
Data input resistance
Differential
100
ROUT
Data output resistance
Single-ended to VCC
50
over recommended operating conditions, typical operating condition is at V
CC = 3.3 V and TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COC = open
10
50
Low frequency –3 dB
kHz
bandwidth
COC = 0.22 µF
0.8
Data rate
4.25
Gbps
VIN,MIN
Data input sensitivity(1)
BER < 10–12, voltage at the input of the interconnect line
200
250
mVp-p
VIN,MAX
Data input overload
Voltage at the input of the interconnect line
2000
mVp-p
High frequency boost
f = 2.1 GHz
12
dB
DISABLE = high
0.25
10
Differential data output
VOD
mVp-p
voltage swing
DISABLE = low
580
780
1200
(1)
The given differential input signal swing is measured at the input of the interconnect line. The high frequency components of the signal
at the output of the interconnect line (which is connected the input pins DIN+/DIN– of the TLK4211EA) may be attenuated by 0 dB up to
12 dB at 2.1 GHz dependent of the interconnect line length.
4


Similar Part No. - TLK4211EARGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTR TI-TLK4201EARGTR Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTRG4 TI-TLK4201EARGTRG4 Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTT TI-TLK4201EARGTT Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTTG4 TI-TLK4201EARGTTG4 Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
More results

Similar Description - TLK4211EARGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E_10 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
   2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
logo
Texas Instruments
DS50EV401 TI1-DS50EV401_15 Datasheet
2Mb / 19P
[Old version datasheet]   DS50EV401 2.5 Gbps / 5.0 Gbps or 8.0 Gbps Quad Cable and Backplane Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com