Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3206 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3206
Description  Ultra Low Power Stereo Audio Codec
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3206 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC3206 Datasheet HTML 1Page - Texas Instruments TLV320AIC3206 Datasheet HTML 2Page - Texas Instruments TLV320AIC3206 Datasheet HTML 3Page - Texas Instruments TLV320AIC3206 Datasheet HTML 4Page - Texas Instruments TLV320AIC3206 Datasheet HTML 5Page - Texas Instruments TLV320AIC3206 Datasheet HTML 6Page - Texas Instruments TLV320AIC3206 Datasheet HTML 7Page - Texas Instruments TLV320AIC3206 Datasheet HTML 8Page - Texas Instruments TLV320AIC3206 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
TLV320AIC3206
www.ti.com
SLAS649A – DECEMBER 2010 – REVISED DECEMBER 2010
Table 1. TERMINAL FUNCTIONS (continued)
5x5mm
40-PIN QFN
NAME
TYPE
DESCRIPTION
(RSB) PIN
NO.
18
IN1_R
I
Multifunction analog input,
Single-ended configuration: MIC 1 or Line 1 right
Differential configuration: MIC or Line right, positive
19
IN2_L
I
Multifunction analog input,
Single-ended configuration: MIC 2 or Line 2 right
Differential configuration: MIC or Line left, positive
20
IN2_R
I
Multifunction analog input,
Single-ended configuration: MIC 2 or Line 2 right
Differential configuration: MIC or Line left, negative
21
AVss
GND
Analog Ground
22
REF
O
Reference voltage output for filtering
23
MICBIAS
O
Microphone bias voltage output
24
IN3_L
I
Multifunction analog input,
Single-ended configuration: MIC3 or Line 3 left,
Differential configuration: MIC or Line left, positive,
Differential configuration: MIC or Line right, negative
25
IN3_R
I
Multifunction analog input,
Single-ended configuration: MIC3 or Line 3 right,
Differential configuration: MIC or Line left, negative,
Differential configuration: MIC or Line right, positive
26
LOL
O
Left line output
27
LOR
O
Right line output
28
GND_SENSE
I
External ground reference for headphone interface –0.5V to 0.5V
29, 30
– –
AVdd
PWR
Analog voltage supply 1.5V–1.95V(2)
31
HPL
O
Left headphone output
32
DRVdd_HP
PWR
Power supply for headphone output stage
Ground-centered circuit configuration, 1.5V to 1.95V
Unipolar circuit configuration, 1.5V to 3.6V
33
HPR
O
Right headphone output
34
MICDET
I
Microphone detection
35
VNEG
PWR
Negative supply for headphones. –1.8V to 0V
Input when charge pump is disabled,
Filtering output when charge pump is enabled
36
FLY_N
PWR
Negative terminal for charge-pump flying capacitor
37
DVss_CP
GND
Charge pump ground
38
FLY_P
PWR
Positive terminal for charge pump flying capacitor
39
DVdd_CP
PWR
Charge Pump supply; recommended to connect to DVdd
40
DVdd
PWR
Digital voltage supply 1.26V – 1.95V
(2)
The AVdd pins are not connected within the device: Must be connected on the PC board.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV320AIC3206


Similar Part No. - TLV320AIC3206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3206IRSBR TI1-TLV320AIC3206IRSBR Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3206IRSBR TI1-TLV320AIC3206IRSBR Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3206

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
   Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com