Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2242IDGK Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2242IDGK
Description  FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2242IDGK Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2242IDGK Datasheet HTML 6Page - Texas Instruments TLV2242IDGK Datasheet HTML 7Page - Texas Instruments TLV2242IDGK Datasheet HTML 8Page - Texas Instruments TLV2242IDGK Datasheet HTML 9Page - Texas Instruments TLV2242IDGK Datasheet HTML 10Page - Texas Instruments TLV2242IDGK Datasheet HTML 11Page - Texas Instruments TLV2242IDGK Datasheet HTML 12Page - Texas Instruments TLV2242IDGK Datasheet HTML 13Page - Texas Instruments TLV2242IDGK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TLV2241, TLV2242, TLV2244
FAMILY OF 1-
µA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SLOS329C – JULY 2000 REVISED - NOVEMBER 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
02
46
8
10
12
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
AV = 1
VIN = VCC / 2
TA = 125°C
TA = 70 °C
TA =25 °C
TA = 0 °C
TA = –40°C
Figure 20
40
50
60
70
80
90
100
110
120
10
100
1k
10k
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
VCC = 2.7, 5, & 12 V
TA = 25°C
Figure 21
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
f – Frequency – Hz
10
100
1k
10k
10
0
–20
–10
30
20
40
50
0
–45
45
90
VCC=2.7, 5, 12 V
RL=500 kΩ
CL=100 pF
TA=25°C
60
135
Figure 22
0
1
2
3
4
5
6
7
2
3456
789
10
11 12
GAIN BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
TA = 25°C
RL = 100 kΩ
CL = 100 pF
f = 1kHz
VCC – Supply Voltage –V
Figure 23
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–40 –25 –10 5
20 35 50 65 80 95 110 125
SLEW RATE
vs
FREE-AIR TEMPERATURE
VCC = 5, 12 V
TA – Free-Air Temperature – °C
SR+
SR–
VCC = 2.7 V
VCC = 2.7, 5, 12 V
Figure 24
0
10
20
30
40
50
60
70
80
10
100
1k
10k
PHASE MARGIN
vs
CAPACITIVE LOAD
CL – Capacitive Load – pF
VCC = 2.7, 5, & 12 V
RL= 500 kΩ
TA = 25°C


Similar Part No. - TLV2242IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2242IDGK TI-TLV2242IDGK Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2242IDGKG4 TI-TLV2242IDGKG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2242IDGKR TI-TLV2242IDGKR Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2242IDGKRG4 TI-TLV2242IDGKRG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2242IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com