Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2242IDRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV2242IDRG4
Description  FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2242IDRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2242IDRG4 Datasheet HTML 4Page - Texas Instruments TLV2242IDRG4 Datasheet HTML 5Page - Texas Instruments TLV2242IDRG4 Datasheet HTML 6Page - Texas Instruments TLV2242IDRG4 Datasheet HTML 7Page - Texas Instruments TLV2242IDRG4 Datasheet HTML 8Page - Texas Instruments TLV2242IDRG4 Datasheet HTML 9Page - Texas Instruments TLV2242IDRG4 Datasheet HTML 10Page - Texas Instruments TLV2242IDRG4 Datasheet HTML 11Page - Texas Instruments TLV2242IDRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLV2241, TLV2242, TLV2244
FAMILY OF 1-
µA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SLOS329C – JULY 2000 REVISED - NOVEMBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
–200
0
200
400
600
800
1000
1200
1400
0.0
0.4
0.8
1.2
1.6
2.0
2.4
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT
VOLTAGE
VCC = 2.7 V
TA = 25°C
VICR – Common-Mode Input Voltage – V
2.7
Figure 2
–400
–300
–200
–100
0
100
01
23
45
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT
VOLTAGE
VCC = 5 V
TA = 25 °C
VICR – Common-Mode Input Voltage – V
Figure 3
–400
–300
–200
–100
0
100
200
300
400
02
46
8
10
12
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT
VOLTAGE
VICR – Common-Mode Input Voltage –V
VCC =12 V
TA = 25 °C
Figure 4
–200
–100
0
100
200
300
400
500
600
–40 –25 –10 5
20 35 50 65 80 95 110 125
VCC = 2.7 V
VIC = 1.35 V
TA – Free-Air Temperature – °C
IIO
IIB
INPUT BIAS / OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
Figure 5
–150
–100
–50
0
50
100
150
200
250
300
350
400
–0.2
0.2
0.6
1.0
1.4
1.8
2.2
2.6 2.9
INPUT BIAS / OFFSET CURRENT
vs
COMMON MODE INPUT
VOLTAGE
VICR – Common Mode Input Voltage – V
VCC = 2.7 V
TA = 25 °C
IIO
IIB
0.0
Figure 6
–200
–100
0
100
200
300
400
500
600
–40 –25 –10 5
20 35 50 65 80 95 110 125
VCC = 5 V
VIC = 2.5 V
TA – Free-Air Temperature – °C
IIO
IIB
INPUT BIAS / OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
Figure 7
–150
–100
–50
0
50
100
150
200
–0.2 0.4 1.0 1.6 2.2 2.8 3.4 4.0 4.6 5.2
INPUT BIAS / OFFSET CURRENT
vs
COMMON-MODE INPUT
VOLTAGE
VICR – Common Mode Input Voltage – V
VCC = 5 V
TA = 25 °C
IIO
IIB
0.0
Figure 8
–200
–100
0
100
200
300
400
500
600
700
–40 –25 –10 5
20 35 50 65 80 95 110 125
VCC = 12 V
VIC = 7.5 V
TA – Free-Air Temperature – °C
IIO
IIB
INPUT BIAS / OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
Figure 9
–150
–100
–50
0
50
100
150
200
250
02
46
8
10
12
INPUT BIAS / OFFSET CURRENT
vs
COMMON-MODE INPUT
VOLTAGE
VICR – Common-Mode Input Voltage –V
VCC =12 V
TA = 25 °C
IIO
IIB


Similar Part No. - TLV2242IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2242IDRG4 TI-TLV2242IDRG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2242IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com