Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF8G20LS-260A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF8G20LS-260A
Description  Power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF8G20LS-260A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF8G20LS-260A Datasheet HTML 3Page - NXP Semiconductors BLF8G20LS-260A Datasheet HTML 4Page - NXP Semiconductors BLF8G20LS-260A Datasheet HTML 5Page - NXP Semiconductors BLF8G20LS-260A Datasheet HTML 6Page - NXP Semiconductors BLF8G20LS-260A Datasheet HTML 7Page - NXP Semiconductors BLF8G20LS-260A Datasheet HTML 8Page - NXP Semiconductors BLF8G20LS-260A Datasheet HTML 9Page - NXP Semiconductors BLF8G20LS-260A Datasheet HTML 10Page - NXP Semiconductors BLF8G20LS-260A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BLF8G20LS-260A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 13 September 2012
7 of 12
NXP Semiconductors
BLF8G20LS-260A
Power LDMOS transistor
7.4.2 2-Carrier W-CDMA
VDS =28V; VGS(amp)main = 2.208 V; IDq = 746 mA;
VGS(amp)peak =0.80V.
(1) f = 1807.5 MHz
(2) f = 1842.5 MHz
(3) f = 1877.5 MHz
VDS =28V; VGS(amp)main = 2.208 V; IDq = 746 mA;
VGS(amp)peak =0.80 V.
(1) f = 1805 MHz
(2) f = 1842.5 MHz
(3) f = 1880 MHz
Fig 6.
Power gain and drain efficiency as function of
load power; typical values
Fig 7.
Power gain and drain efficiency as function of
load power; typical values
VDS =28V; VGS(amp)main = 2.208 V; IDq = 746 mA; VGS(amp)peak =0.80V.
(1) f = 1807.5 MHz
(2) f = 1842.5 MHz
(3) f = 1877.5 MHz
Fig 8.
Input return loss as a function of load power; typical values
DDD

















3/ :
*S
*S
G%
G%
G%
'
'









*S
*S
'
'
DDD






















3/ G%P
*S
*S
G%
G%
G%
'
'









*S
*S
'
'
DDD














3/ G%P
5/
5/LQLQ
5/LQ
G%
G%
G%











Similar Part No. - BLF8G20LS-260A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF8G20LS-260A PHILIPS-BLF8G20LS-260A_15 Datasheet
267Kb / 15P
   Power LDMOS transistor
Rev. 4-12 July 2013
More results

Similar Description - BLF8G20LS-260A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com