Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2442QDGKRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2442QDGKRQ1
Description  Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2442QDGKRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2442QDGKRQ1 Datasheet HTML 4Page - Texas Instruments TLV2442QDGKRQ1 Datasheet HTML 5Page - Texas Instruments TLV2442QDGKRQ1 Datasheet HTML 6Page - Texas Instruments TLV2442QDGKRQ1 Datasheet HTML 7Page - Texas Instruments TLV2442QDGKRQ1 Datasheet HTML 8Page - Texas Instruments TLV2442QDGKRQ1 Datasheet HTML 9Page - Texas Instruments TLV2442QDGKRQ1 Datasheet HTML 10Page - Texas Instruments TLV2442QDGKRQ1 Datasheet HTML 11Page - Texas Instruments TLV2442QDGKRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
OPERATING CHARACTERISTICS
TLV2442-Q1
,, TLV2442A-Q1
TLV2444A-Q1
SGLS181C – SEPTEMBER 2003 – REVISED AUGUST 2009........................................................................................................................................... www.ti.com
VDD = 5 V, at specified free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
0.75
1.4
VO = 0.5 V to 2.5 V, RL = 600 Ω
(2),
SR
Slew rate at unity gain
V/
µs
CL = 100 pF
(2)
Full range
0.5
f = 10 Hz
130
Equivalent input
Vn
25°C
nV/
√Hz
noise voltage
f = 1 kHz
16
f = 0.1 Hz to 1 Hz
1.8
Peak-to-peak equivalent input
Vn(PP)
25°C
µV
noise voltage
f = 0.1 Hz to 10 Hz
3.6
In
Equivalent input noise current
25°C
0.6
fA/
√Hz
AV = 1
0.017
Total harmonic distortion
VO = 1.5 V to 3.5V,
THD+N
AV = 10
25°C
0.17
%
plus noise
f = 1 kHz, RL = 600 Ω
(2)
AV = 100
1.5
f = 10 kHz, RL = 600 Ω
(2),
Gain-bandwidth product
25°C
1.81
MHz
CL = 100 pF
(2)
Maximum output-swing
VO(PP) = 2 V, AV = 1, RL = 600 Ω
(2),
BOM
25°C
0.5
MHz
bandwidth
CL = 100 pF
(2)
AV = –1,
To 0.1%
1.5
Step = –0.5 V to 2.5 V,
ts
Settling time
25°C
µs
RL = 600 Ω
(2),
To 0.01%
2.6
CL = 100 pF
(2)
φ
m
Phase margin at unity gain
RL = 600 Ω
(2), C
L = 100 pF
(2)
25°C
68
°
Gain margin
RL = 600 Ω
(2), C
L = 100 pF
(2)
25°C
8
dB
(1)
Full range is –40°C to 125°C.
(2)
Referenced to 2.5 V
8
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2442-Q1 TLV2442A-Q1 TLV2444A-Q1


Similar Part No. - TLV2442QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442QDGKRQ1 TI1-TLV2442QDGKRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2442QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442 TI1-TLV2442_16 Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1 Datasheet
943Kb / 34P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432 TI1-TLV2432_15 Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422 TI1-TLV2422_16 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com