Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2434AQDRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2434AQDRQ1
Description  Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2434AQDRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2434AQDRQ1 Datasheet HTML 1Page - Texas Instruments TLV2434AQDRQ1 Datasheet HTML 2Page - Texas Instruments TLV2434AQDRQ1 Datasheet HTML 3Page - Texas Instruments TLV2434AQDRQ1 Datasheet HTML 4Page - Texas Instruments TLV2434AQDRQ1 Datasheet HTML 5Page - Texas Instruments TLV2434AQDRQ1 Datasheet HTML 6Page - Texas Instruments TLV2434AQDRQ1 Datasheet HTML 7Page - Texas Instruments TLV2434AQDRQ1 Datasheet HTML 8Page - Texas Instruments TLV2434AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TLV2432-Q1, TLV2432A-Q1, TLV2434-Q1, TLV2434A-Q1
Advanced LinCMOS
™ RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SGLS182B − SEPTEMBER 2003 − REVISED NOVEMBER 2010
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
TLV243x-Q1
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIC = 0
TLV243x
25°C
300
2000
V
Input offset voltage
VIC = 0,
VO = 0,
TLV243x
Full range
2500
V
VIO
Input offset voltage
VO = 0,
VDD± = ±1.5 V,
R
50 Ω
TLV243xA
25°C
300
950
μV
DD
RS = 50 Ω
TLV243xA
Full range
2000
Temperature coefficient of input offset voltage
25°C
2
V/°C
αVIO
Temperature coefficient of input offset voltage
25 C
to 70°C
2
μV/°C
Input offset voltage long-term drift
(see Note 4)
VIC = 0
VDD± = ±15 V
25°C
0.003
μV/mo
I
Input offset current
VIC = 0,
VO = 0,
VDD± = ±1.5 V,
RS = 50 Ω
25°C
0.5
pA
IIO
Input offset current
VO = 0,
RS = 50 Ω
Full range
150
pA
I
Input bias current
25°C
1
pA
IIB
Input bias current
Full range
300
pA
V
Common mode input voltage range
|V | ≤ 5 mV
R
50 Ω
25°C
0
to
2.5
−0.25
to
2.75
V
VICR
Common-mode input voltage range
|VIO| ≤ 5 mV,
RS = 50 Ω
Full range
0
to
2.2
V
IOH = −100 μA
25°C
2.98
VOH
High-level output voltage
I
3 mA
25°C
2.5
V
VOH
High level output voltage
IOH = −3 mA
Full range
2.25
V
VIC = 1.5 V,
IOL = 100 μA
25°C
0.02
VOL
Low-level output voltage
V
15 V
I
3 mA
25°C
0.83
V
VOL
Low level output voltage
VIC = 1.5 V,
IOL = 3 mA
Full range
1
V
R
2 kΩ
25°C
1.5
2.5
AVD
Large-signal differential voltage amplification
VIC = 2.5 V,
VO = 1 V to 2 V
RL = 2 kΩ
Full range
0.5
V/mV
AVD
Large signal differential voltage amplification
VO = 1 V to 2 V
RL = 1 MΩ
25°C
750
V/mV
ri(d)
Differential input resistance
25°C
1000
ri(c)
Common-mode input resistance
25°C
1000
ci(c)
Common-mode input capacitance
f = 10 kHz
25°C
8
pF
zo
Closed-loop output impedance
f = 100 kHz,
AV = 10
25°C
130
Ω
CMRR Common mode rejection ratio
VIC = VICR MIN, VO = 1.5 V,
25°C
70
83
dB
CMRR Common-mode rejection ratio
VIC = VICR MIN, VO = 1.5 V,
RS = 50 Ω
Full range
70
dB
k
Supply voltage rejection ratio (ΔV /ΔV )
VDD = 2.7 V to 8 V,
25°C
80
95
dB
kSVR
Supply-voltage rejection ratio (ΔVDD/ΔVIO)
VDD = 2.7 V to 8 V,
VIC = VDD/2,
No load
Full range
80
dB
I
Supply current
VO 15 V
No load
25°C
195
250
μA
IDD
Supply current
VO = 1.5 V,
No load
Full range
260
μA
Full range is −40°C to 125°C for Q level part.
Referenced to 2.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLV2434AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2434AQDRQ1 TI1-TLV2434AQDRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2434AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442 TI1-TLV2442_16 Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432 TI1-TLV2432_15 Datasheet
1Mb / 44P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422 TI1-TLV2422_16 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com