Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV3011AMDBVREP Datasheet HTML 6Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 7Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 8Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 9Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 10Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 11Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 12Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 13Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
Power-On Reset
V+
TLV301x
C
10 nF
1
DI
R
1
1 M
R
PULLUP
(1)
10 k
RESET
MSP430
1.242 V
REF
(1) Use R
with the TLV3011 only.
PULLUP
+
Relaxation Oscillator
V+
F = 724 Hz
V+
2/3 (V+)
1/3 (V+)
R
2
1 M
R
1
1 M
R
2
1 M
R
2
1 M
V
OUT
V
C
V+
t
C
1000 pF
T
1
T
2
t
TLV3012
TLV3011-EP, TLV3012-EP
SGLS349 – OCTOBER 2006
APPLICATION INFORMATION (continued)
The reset circuit shown in Figure 25 provides a time-delayed release of reset to the MSP430 microcontroller.
Operation of the circuit is based on a stabilization time constant of the supply voltage, rather than on a
predetermined voltage value. The negative input is a reference voltage created by the internal voltage reference.
The positive input is an RC circuit that provides a power-up delay. When power is applied, the output of the
comparator is low, holding the processor in the reset condition. Only after allowing time for the supply voltage to
stabilize does the positive input of the comparator become higher than the negative input, resulting in a high
output state, releasing the processor for operation. The stabilization time required for the supply voltage is
adjustable by the selection of the RC component values. Use of a lower-valued resistor in this portion of the
circuit does not increase current consumption, because no current flows through the RC circuit after the supply
has stabilized.
Figure 25. TLV3011 or TLV3012 Configured as Power-Up Reset Circuit for the MSP430
The reset delay needed depends on the power-up characteristics of the system power supply. R1 and C1 are
selected to allow enough time for the power supply to stabilize. D1 provides rapid reset if power is lost. In this
example, the R1 × C1 time constant is 10 ms.
The TLV3012 can be configured as a relaxation oscillator to provide a simple and inexpensive clock output (see
Figure 26). The capacitor is charged at a rate of T = 0.69RC and discharges at a rate of 0.69RC. Therefore, the
period is T = 1.38RC. R1 may be a different value than R2.
Figure 26. TLV3012 Configured as Relaxation Oscillator
10
Submit Documentation Feedback


Similar Part No. - TLV3011AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011AMDBVREP TI1-TLV3011AMDBVREP Datasheet
853Kb / 19P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3011AMDBVREP TI-TLV3011AMDBVREP Datasheet
1Mb / 34P
[Old version datasheet]   TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
REVISED MAY 2023
More results

Similar Description - TLV3011AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP_14 Datasheet
853Kb / 19P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com