Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3502AQDCNRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3502AQDCNRQ1
Description  4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3502AQDCNRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3502AQDCNRQ1 Datasheet HTML 4Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 5Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 6Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 7Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 8Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 9Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 10Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 11Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
V
IN
V
REF
V
OUT
V
S
0.1µF
2.2µF
TLV3501
R
V+
f = 10MHz
V
S = 5V
2/3 (V+)
1/3 (V+)
R
1
1kΩ
R
2
5kΩ
R
2
5kΩ
R
2
5kΩ
V
OUT
V
C
V+
t
C
62pF
1.38R
1C
t
TLV3502-Q1
SBOS507 – FEBRUARY 2010
www.ti.com
Input Over-Voltage Protection
Device inputs are protected by ESD diodes that will conduct if the input voltages exceed the power supplies by
more than approximately 300 mV. Momentary voltages greater than 300 mV beyond the power supply can be
tolerated if the input current is limited to 10 mA. This limiting is easily accomplished with a small input resistor in
series with the comparator, as shown in Figure 3.
Figure 3. Input Current Protection for Voltages Exceeding the Supply Voltage
Relaxation Oscillator
The TLV350x can easily be configured as a simple and inexpensive relaxation oscillator. In Figure 4, the R2
network sets the trip threshold at 1/3 and 2/3 of the supply. Since this is a high-speed circuit, the resistor values
are rather low to minimize the effect of parasitic capacitance. The positive input alternates between 1/3 of V+ and
2/3 of V+ depending on whether the output is low or high. The time to charge (or discharge) is 0.69R1C.
Therefore, the period is 1.38R1C. For 62 pF and 1 kΩ as shown in Figure 4, the output is calculated to be
10.9MHz. An implementation of this circuit oscillated at 9.6 MHz. Parasitic capacitance and component
tolerances explain the difference between theory and actual performance.
Figure 4. Relaxation Oscillator
High-Speed Window Comparator
A window comparator circuit is used to determine when a signal is between two voltages. The TLV3502 can
readily be used to create a high-speed window comparator. VHI is the upper voltage threshold, and VLO is the
lower voltage threshold. When VIN is between these two thresholds, the output in Figure 5 is high. Figure 6
shows a simple means of obtaining an active low output. Note that the reference levels are connected differently
between Figure 5 and Figure 6. The operating voltage range of either circuit is 2.7 V to 5.5 V.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLV3502-Q1


Similar Part No. - TLV3502AQDCNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AQDCNRQ1 TI1-TLV3502AQDCNRQ1 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
More results

Similar Description - TLV3502AQDCNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502-Q1 TI-TLV3502-Q1_15 Datasheet
957Kb / 23P
[Old version datasheet]   TLV3502-Q1, 4.5-ns Rail-to-Rail High-Speed Comparator
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
ON Semiconductor
NCS2250 ONSEMI-NCS2250_V01 Datasheet
418Kb / 13P
   Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail
June, 2022 ??Rev. 6
NCS2250 ONSEMI-NCS2250 Datasheet
255Kb / 12P
   Comparator, High Speed 50 ns, Low Voltage Rail-to-Rail
June, 2018 ??Rev. 5
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com