Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5535-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV5535-Q1
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5535-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV5535-Q1 Datasheet HTML 1Page - Texas Instruments TLV5535-Q1 Datasheet HTML 2Page - Texas Instruments TLV5535-Q1 Datasheet HTML 3Page - Texas Instruments TLV5535-Q1 Datasheet HTML 4Page - Texas Instruments TLV5535-Q1 Datasheet HTML 5Page - Texas Instruments TLV5535-Q1 Datasheet HTML 6Page - Texas Instruments TLV5535-Q1 Datasheet HTML 7Page - Texas Instruments TLV5535-Q1 Datasheet HTML 8Page - Texas Instruments TLV5535-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TLV5535Q1
8BIT, 35 MSPS, LOW POWER ANALOGTODIGITAL CONVERTER
SGLS230A − JANUARY 2004 − REVISED JUNE 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets AEC-Q100-011 C3A CDM
Classification
D Qualified for Automotive Applications
D 8-Bit Resolution, 35 MSPS Sampling
Analog-to-Digital Converter (ADC)
D Low Power Consumption: 90 mW Typ
Using External References
D Wide Analog Input Bandwidth: 600 MHz Typ
D 3.3-V Single-Supply Operation
D 3.3-V TTL/CMOS-Compatible Digital I/O
D Internal Bottom and Top Reference
Voltages
D Adjustable Reference Input Range
D Power-Down (Standby) Mode
D Separate Power Down for Internal Voltage
References
D Three-State Outputs
D 28-Pin Thin Shrink SOP (TSSOP) Packages
D Applications
− Digital Communications (IF Sampling)
− High-Speed DSP Front-End
(TMS320C6000)
− Video Processing (Scan Rate/Format
Conversion)
− DVD Read Channel Digitization
description/ordering information
The TLV5535 is an 8-bit, 35 MSPS, high-speed A/D converter. It converts the analog input signal into 8-bit
binary-coded digital words up to a sampling rate of 35 MHz. All digital inputs and outputs are 3.3 V
TTL /CMOS-compatible.
The device consumes very little power due to the 3.3-V supply and an innovative single-pipeline architecture
implemented in a CMOS process. The user obtains maximum flexibility by setting both bottom and top voltage
references from user-supplied voltages. If no external references are available, on-chip references are
available for internal and external use. The full-scale range is 1 Vpp up to 1.6 Vpp, depending on the analog
supply voltage. If external references are available, the internal references can be disabled independently from
the rest of the chip, resulting in an even greater power saving.
ORDERING INFORMATION{
TJ
PACKAGE}
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
TSSOP (PW)
Tape and reel
TLV5535IPWRQ1
TLV5535Q1
† For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
Copyright
 2008 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DRVDD
D0
D1
D2
D3
D4
D5
D6
D7
DRVSS
DVSS
CLK
OE
DVDD
AVSS
AVDD
AIN
CML
PWDN_REF
AVSS
REFBO
REFBI
REFTI
REFTO
AVSS
BG
AVDD
STBY
PW PACKAGE
(TOP VIEW)


Similar Part No. - TLV5535-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5535 TI-TLV5535 Datasheet
535Kb / 32P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535 TI-TLV5535 Datasheet
700Kb / 35P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535 TI1-TLV5535 Datasheet
721Kb / 36P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535IPW TI-TLV5535IPW Datasheet
535Kb / 32P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535IPW TI-TLV5535IPW Datasheet
700Kb / 35P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLV5535-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5535 TI-TLV5535 Datasheet
535Kb / 32P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535 TI1-TLV5535_14 Datasheet
721Kb / 36P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535IPWR TI-TLV5535IPWR Datasheet
700Kb / 35P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
THS5641 TI-THS5641 Datasheet
702Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
NXP Semiconductors
TDA8793 PHILIPS-TDA8793 Datasheet
92Kb / 20P
   8-bit, low-power, 3 V, 100 Msps Analog-to-Digital Converter ADC
1999 Oct 06
logo
Analog Devices
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
logo
Texas Instruments
TLV5621I TI-TLV5621I Datasheet
240Kb / 17P
[Old version datasheet]   LOW-POWER QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com