Electronic Components Datasheet Search |
|
TLV2774AQPWRQ1 Datasheet(PDF) 5 Page - Texas Instruments |
|
TLV2774AQPWRQ1 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 45 page TLV277x-Q1, TLV277xA-Q1 FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SGLS179D− SEPTEMBER 2003 − REVISED AUGUST 2008 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 2.7 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLV2771-Q1 UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT V Input offset voltage VIC = 0, VO = 0, RS = 50 Ω 25 °C 0.48 2.5 mV VIO Input offset voltage VIC = 0, VO = 0, RS = 50 Ω VDD = ±1.35 V, No load Full range 0.53 2.7 mV Temperature coefficient of input 25 °C to 2 V/ °C αVIO Temperature coefficient of input offset voltage 25 C to 125 °C 2 µV/°C I Input offset current V 0V 0R 50 Ω 25 °C 1 60 pA IIO Input offset current VIC = 0, VO = 0, RS = 50 Ω Full range 2 125 pA I Input bias current 25 °C 2 60 pA IIB Input bias current Full range 6 350 pA I 0 675 mA 25 °C 2.6 V High level output voltage IOH = − 0.675 mA Full range 2.5 V VOH High-level output voltage I 22mA 25 °C 2.4 V IOH = − 2.2 mA Full range 2.1 V 135V I 0 675 mA 25 °C 0.1 V Low level output voltage VIC = 1.35 V, IOL = 0.675 mA Full range 0.2 V VOL Low-level output voltage V 135V I 22mA 25 °C 0.21 V VIC = 1.35 V, IOL = 2.2 mA Full range 0.6 A Large-signal differential voltage VIC = 1.35 V, RL = 10 kΩ}, 25 °C 20 380 V/mV AVD Large signal differential voltage amplification VIC = 1.35 V, RL = 10 kΩ , VO = 0.6 V to 2.1 V Full range 13 V/mV ri(d) Differential input resistance 25 °C 1012 Ω ci(c) Common-mode input capacitance f = 10 kHz 25 °C 8 pF zo Closed-loop output impedance f = 100 kHz, AV = 10 25 °C 25 Ω CMRR Common mode rejection ratio VIC = 0 to 1.5 V, VO = VDD /2, 25 °C 60 84 dB CMRR Common-mode rejection ratio VIC = 0 to 1.5 V, VO = VDD /2, RS = 50 Ω Full range 60 82 dB k Supply voltage rejection ratio VDD = 2.7 V to 5 V, VIC = VDD /2, 25 °C 70 89 dB kSVR Supply voltage rejection ratio ( ∆VDD /∆VIO) VDD = 2.7 V to 5 V, VIC = VDD /2, No load Full range 70 84 dB I Supply current (per channel) V =V /2 No load 25 °C 1 2 mA IDD Supply current (per channel) VO = VDD /2, No load Full range 2 mA † Full range is −40 °C to 125°C for Q level part. ‡ Referenced to 1.35 V |
Similar Part No. - TLV2774AQPWRQ1 |
|
Similar Description - TLV2774AQPWRQ1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |