Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5619-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5619-EP
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5619-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5619-EP Datasheet HTML 2Page - Texas Instruments TLV5619-EP Datasheet HTML 3Page - Texas Instruments TLV5619-EP Datasheet HTML 4Page - Texas Instruments TLV5619-EP Datasheet HTML 5Page - Texas Instruments TLV5619-EP Datasheet HTML 6Page - Texas Instruments TLV5619-EP Datasheet HTML 7Page - Texas Instruments TLV5619-EP Datasheet HTML 8Page - Texas Instruments TLV5619-EP Datasheet HTML 9Page - Texas Instruments TLV5619-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TLV5619EP
2.7 V TO 5.5 V 12BIT PARALLEL DIGITALTOANALOG CONVERTER
WITH POWER DOWN
SGLS124A − JULY 2002 − REVISED DECEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range, supply
voltages, and reference voltages (unless otherwise noted)
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate
CL = 100 pF,
RL = 10 kΩ,
Vref(REFIN) = 2.048 V,
1.024 V,
5-V
Supply
8
12
V/
µs
SR
Slew rate
RL = 10 kΩ,
Code 32 to code 4095,
Code 4095 to code 32,
1.024 V,
VO from 10% to 90%
90% to 10%
3-V
Supply
6
9
V/
µs
ts
Output settling time (full scale)
To
±0.5 LSB,
RL = 10 kΩ,
CL = 100 pF,
See Note 13
1
3
µs
Glitch energy
DIN = all 0s to all 1s
5
nV−s
S/N
Signal to noise
fs = 480 kSPS,
BW = 20 kHz,
CL = 100 pF,
fOUT = 1 kHz,
RL = 10 kΩ
TA = 25°C, See Note 14
5-V
Supply
65
78
S/(N+D)
Signal to noise + distortion
fs = 480 kSPS,
BW = 20 kHz,
fOUT = 1 kHz,
RL = 10 kΩ
5-V
Supply
58
67
S/(N+D)
Signal to noise + distortion
BW = 20 kHz,
CL = 100 pF,
RL = 10 kΩ,
TA = 25°C, See Note 14
3-V
Supply
58
69
dB
Total harmonic distortion
fs = 480 kSPS,
BW = 20 kHz,
CL = 100 pF,
fOUT = 1 kHz,
RL = 10 kΩ,
TA = 25°C, See Note 14
−68
−60
dB
Spurious free dynamic range
fs = 480 kSPS,
BW = 20 kHz,
CL = 100 pF,
fOUT = 1 kHz,
RL = 10 kΩ,
TA = 25°C, See Note 14
60
72
NOTES: 13. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 0x020 to 0x3DF or 0x3DF to 0x020. Limits are ensured by design and characterization, but are not production tested.
14. 1 kHz sinewave generated by DAC, reference voltage = 1.024 V at 3 V and 2.048 V at 5 V.
timing requirement
digital inputs
MIN
NOM
MAX
UNIT
tsu(CS-WE)
Setup time, CS low before positive WE edge
13
ns
tsu(D)
Setup time, data ready before positive WE edge
9
ns
th(D)
Hold time, data held after positive WE edge
0
ns
tsu(WE-LD)
Setup time, positive WE edge before LDAC low
0
ns
twh(WE)
Pulse width, WE high
25
ns
tw(LD)
Pulse width, LDAC low
25
ns


Similar Part No. - TLV5619-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5619-EP TI1-TLV5619-EP Datasheet
1Mb / 26P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results

Similar Description - TLV5619-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com