Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4954ELPTR-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A4954ELPTR-T
Description  Dual Full-Bridge DMOS PWM Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4954ELPTR-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A4954ELPTR-T Datasheet HTML 1Page - Allegro MicroSystems A4954ELPTR-T Datasheet HTML 2Page - Allegro MicroSystems A4954ELPTR-T Datasheet HTML 3Page - Allegro MicroSystems A4954ELPTR-T Datasheet HTML 4Page - Allegro MicroSystems A4954ELPTR-T Datasheet HTML 5Page - Allegro MicroSystems A4954ELPTR-T Datasheet HTML 6Page - Allegro MicroSystems A4954ELPTR-T Datasheet HTML 7Page - Allegro MicroSystems A4954ELPTR-T Datasheet HTML 8Page - Allegro MicroSystems A4954ELPTR-T Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Dual Full-Bridge DMOS
PWM Motor Driver
A4954
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Device Operation
The A4954 is designed to operate two DC motors. The output
drivers are all low-RDS(on), N-channel DMOS drivers that feature
internal synchronous rectification to reduce power dissipation.
The current in each of the two output full bridges is regulated
with fixed off-time pulse width modulated (PWM) control cir-
cuitry. The IN1-IN2 and IN3-IN4 inputs allow two-wire control
for each bridge.
Protection circuitry includes internal thermal shutdown, and pro-
tection against shorted loads, or against output shorts to ground
or supply. Undervoltage lockout prevents damage by keeping the
outputs off until the driver has enough voltage to operate nor-
mally.
Standby Mode
Low Power Standby mode is activated when all four input (INx)
pins are low for longer than 1 ms. Low Power Standby mode
disables most of the internal circuitry, including the charge pump
and the regulator. When the A4954 is coming out of standby
mode, the charge pump should be allowed to reach its regulated
voltage (a maximum delay of 200 μs) before any PWM com-
mands are issued to the device.
Internal PWM Current Control
Initially, a diagonal pair of source and sink FET outputs are
enabled and current flows through the motor winding and the
optional external current sense resistor, RSx. When the voltage
across RSx equals the comparator trip value, then the current
sense comparator resets the PWM latch. The latch then turns off
the sink and source FETs (Mixed Decay mode).
VREF
The maximum value of current limiting is set by the selection
of RSx and the voltage at the VREFx pin in each channel. The
transconductance function is approximated by the maximum
value of current limiting, ITripMAX (A), which is set by:
ITripMAX =
AV
RS
VREF
where VREF is the input voltage on the VREFx pin (V) and RS is
the resistance of the sense resistor (Ω) on the corresponding LSSx
terminal.
Overcurrent Protection
A current monitor will protect the IC from damage due to output
shorts. If a short is detected, the IC will latch the fault and dis-
able the outputs. Each channel has independent OCP protection.
The fault latch can only be cleared by coming out of Low Power
Standby mode or by cycling the power to VBB. During OCP
events, Absolute Maximum Ratings may be exceeded for a short
period of time before the device latches.
Shutdown
If the die temperature increases to approximately 160°C, the full
bridge outputs will be disabled until the internal temperature falls
below a hysteresis, TTSDhys, of 15°C. Internal UVLO is present
on VBB to prevent the output drivers from turning-on below the
UVLO threshold.
Braking
The braking function is implemented by driving the device in
Slow Decay mode, which is done by applying a logic high to both
inputs of both channels, after a bridge-enable Chop command
(see PWM Control Truth Table). Because it is possible to drive
current in both directions through the DMOS switches, this con-
figuration effectively shorts-out the motor-generated BEMF, as
long as the Chop command is asserted. The maximum current can
be approximated by VBEMF / RL. Care should be taken to ensure
that the maximum ratings of the device are not exceeded in worse
case braking situations: high speed and high-inertia loads.


Similar Part No. - A4954ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
More results

Similar Description - A4954ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
A3965 ALLEGRO-A3965 Datasheet
390Kb / 8P
   DMOS Dual Full-Bridge PWM Motor Driver
November 1, 2004
A3995 ALLEGRO-A3995 Datasheet
939Kb / 9P
   DMOS Dual Full Bridge PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com