Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.14.200.022-0000 Datasheet(PDF) 3 Page - C&K Components

Part # 3.14.200.022-0000
Description  RF short-travel keyswitches
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

3.14.200.022-0000 Datasheet(HTML) 3 Page - C&K Components

  3.14.200.022-0000 Datasheet HTML 1Page - C&K Components 3.14.200.022-0000 Datasheet HTML 2Page - C&K Components 3.14.200.022-0000 Datasheet HTML 3Page - C&K Components 3.14.200.022-0000 Datasheet HTML 4Page - C&K Components 3.14.200.022-0000 Datasheet HTML 5Page - C&K Components 3.14.200.022-0000 Datasheet HTML 6Page - C&K Components 3.14.200.022-0000 Datasheet HTML 7Page - C&K Components 3.14.200.022-0000 Datasheet HTML 8Page - C&K Components 3.14.200.022-0000 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
RF short-travel keyswitches
PCB Keyswitches
4 - 25
4
RF
Specifications LED
3 mm LED
2 mm LED
Max. forward current lF:
Current reduction from: T0 = 50 °C:
Wavelength typ:
Forward voltage UF/lF typ:
Reverse voltage UR/lF typ:
Ambient temperature, operating:
(valid for 25 °C)
30 mA
approx 0.5 mA/°C
635 nm
2 V/10 mA
5 V/100 µA min.
- 20 °C . . . + 80 °C
Red LED
30 mA
approx 0.5 mA/°C
565 nm
2 V/10 mA
5 V/100 µA min.
- 20 °C . . . + 80 °C
Green LED
20 mA
approx 0.2 mA/°C
586 nm
2 V/10 mA
5 V/100 µA min.
- 20 °C . . . + 80 °C
Yellow LED
Max. forward current lF:
Current reduction from: T0 = 50 °C:
Wavelength typ:
Forward voltage UF/lF typ:
Reverse voltage UR/lF typ:
Ambient temperature, operating:
20 mA
approx 0.6 mA/°C
470 nm
2.7 V/10 mA
5V/100 µA min.
- 20 °C . . . + 80 °C
Blue LED
30 mA
approx 0.5 mA/°C
645 nm
1.6 V/1 mA
5 V/100 µA min.
- 20 °C . . . + 80 °C
Red low-current LED
Max. forward current lF:
Current reduction from: T0 = 50 °C:
Light current fV/lF typ:
Wavelength typ:
Forward voltage UF/lF typ:
Reverse voltage UR/lF typ:
Ambient temperature, operating:
(valid for 25 °C)
30 mA
0.5 mA/°C
-
637 nm
1.8 V/20 mA
5 V/100 µA min.
- 55 °C . . . + 100 °C
Red LED
30 mA
0.5 mA/°C
-
569 nm
2.1 V/10 mA
5 V/100 µA min.
- 40 °C . . . + 100 °C
Green LED
30 mA
-
-
510-545 nm
3.5 V/20 mA
-
-30 °C . . . + 100 °C
Green LED superbright
Max. forward current lF:
Current reduction from: T0 = 50 °C:
Light current fV/lF typ:
Wavelength typ:
Forward voltage UF/lF typ:
Reverse voltage UR/lF typ:
Ambient temperature, operating:
50 mA
0.8 mA/°C
250 mIm/20 mA
590 nm
1.9 V/20 mA
5 V/100 µA min.
-40 °C . . . + 100 °C
Yellow LED
25 mA
-
-
-
3.6 V/20 mA
-
- 20 °C . . . + 80 °C
White LED
30 mA
-
-
464-485 nm
3.6 V/20 mA
- 20 °C . . . + 80 °C
Blue LED
Max. forward current lF:
Current reduction from: T0 = 50 °C:
Light current fV/lF typ:
Wavelength typ:
Forward voltage UF/lF typ:
Reverse voltage UR/lF typ:
Ambient temperature, operating:
30 mA
approx 0.6 mA/°C
-
635/565 nm
2 V/10 mA
-
- 20 °C . . . + 80 °C
Multi-colour LED
Rated power
of series:
PV = IF2 x RV
Calculating the
series resistor:
RV =
Example for 5 Volt:
RV =
= 150
Ω (= standard value)
UB - UF
IF
5V - 2.0 V
0.02 A


Similar Part No. - 3.14.200.022-0000

ManufacturerPart #DatasheetDescription
logo
C&K Components
3.14.200.051/0000 CK-COMPONENTS-3.14.200.051/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14.200.052/0000 CK-COMPONENTS-3.14.200.052/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14.200.053/0000 CK-COMPONENTS-3.14.200.053/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14.200.054/0000 CK-COMPONENTS-3.14.200.054/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14.200.055/0000 CK-COMPONENTS-3.14.200.055/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
More results

Similar Description - 3.14.200.022-0000

ManufacturerPart #DatasheetDescription
logo
C&K Components
3.14200.0110000 CK-COMPONENTS-3.14200.0110000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
logo
ITT Industries
KN19 ITT-KN19 Datasheet
168Kb / 4P
   Short-travel main switch
logo
C&K Components
5.46.167.042-0209 CK-COMPONENTS-5.46.167.042-0209 Datasheet
687Kb / 19P
   PCB Keyswitches
1.14100.5020000 CK-COMPONENTS-1.14100.5020000 Datasheet
687Kb / 19P
   PCB Keyswitches
logo
TP-Link Technologies Co...
AC750 TP-LINK-AC750_V01 Datasheet
2Mb / 5P
   Wireless Travel Router
logo
ALPS ELECTRIC CO.,LTD.
SSAA ALPS-SSAA Datasheet
279Kb / 4P
   2mm-travel Type
logo
Molex Electronics Ltd.
130171-0317 MOLEX11-130171-0317 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty EB Balancer with Short Travel for Cable Assembly
logo
ALPS ELECTRIC CO.,LTD.
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
   1.5mm-travel Vertical Type
SPEC ALPS-SPEC Datasheet
151Kb / 3P
   2.5mm-travel Vertical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com