Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1792N1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TEA1792N1
Description  GreenChip synchronous rectifier controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1792N1 Datasheet(HTML) 5 Page - NXP Semiconductors

  TEA1792N1 Datasheet HTML 1Page - NXP Semiconductors TEA1792N1 Datasheet HTML 2Page - NXP Semiconductors TEA1792N1 Datasheet HTML 3Page - NXP Semiconductors TEA1792N1 Datasheet HTML 4Page - NXP Semiconductors TEA1792N1 Datasheet HTML 5Page - NXP Semiconductors TEA1792N1 Datasheet HTML 6Page - NXP Semiconductors TEA1792N1 Datasheet HTML 7Page - NXP Semiconductors TEA1792N1 Datasheet HTML 8Page - NXP Semiconductors TEA1792N1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TEA1792ATS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 10 August 2012
5 of 13
NXP Semiconductors
TEA1792ATS
GreenChip synchronous rectifier controller
The level of the driver regulation voltage Vreg(drv) can be selected using the SELREG pin.
When this SELREG pin is grounded, the typical Vreg(drv) equals 42 mV. When the
SELREG pin is left open, the Vreg(drv) level equals 30 mV.
Internally, the SELREG pin has a pull-up current source of 10
A. When this pin is short
circuited to ground, the pin selects the lowest Vreg(drv). If the pin is left open, the highest
Vreg(drv) value is selected.
If the secondary stroke of the flyback converter is shorter than tact(sr)(min) short time (0.8 s
typical), the driver output is disabled. This action guarantees stable operation for very low
duty cycles. When the secondary stroke increases above tact(sr)(min), long time (0.95 s
typical), the driver output is again enabled.
7.4 Supply management
All internal reference voltages are derived from a temperature compensated, on-chip
band gap circuit.
7.5 Driver
The driver circuit to the external power MOSFET gate has a typical source capability of
400 mA and a typical sink capability of 2.7 A. These capabilities permit fast switch-on and
switch-off of the power MOSFET for efficient operation. The source stage is coupled to the
timer (see Figure 1). When the timer has finished, the source capability is reduced to a
small current (5 mA typical) capable of keeping the driver output voltage at its level.
Fig 3.
Synchronous rectification signals
aaa-000137
0 V
Vdeact(drv) (-12 mV typ.)
Vreg(drv) (-42 mV/-30 mV typ.)
Vact(drv) (-220 mV typ.)
0 A
0 A
0 V
VSRSENSE
VDRIVER
primary
current
secondary
current


Similar Part No. - TEA1792N1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1792ATS NXP-TEA1792ATS Datasheet
321Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 2-17 September 2013
TEA1792ATS/1 NXP-TEA1792ATS/1 Datasheet
321Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 2-17 September 2013
TEA1792ATS NXP-TEA1792ATS_V01 Datasheet
321Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 2-17 September 2013
TEA1792T NXP-TEA1792T Datasheet
332Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 2-9 July 2012
More results

Similar Description - TEA1792N1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1999TK NXP-TEA1999TK Datasheet
255Kb / 21P
   GreenChip synchronous rectifier controller
Rev. 2-3 November 2017
TEA1795T PHILIPS-TEA1795T Datasheet
142Kb / 14P
   GreenChip synchronous rectifier controller
Rev. 1-4 November 2010
TEA1993TS NXP-TEA1993TS Datasheet
207Kb / 20P
   GreenChip synchronous rectifier controller
Rev.1.1-14 September 2016
TEA1791T NXP-TEA1791T_V01 Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com