Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.46.167.042-0209 Datasheet(PDF) 2 Page - C&K Components

Part # 5.46.167.042-0209
Description  PCB Keyswitches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

5.46.167.042-0209 Datasheet(HTML) 2 Page - C&K Components

  5.46.167.042-0209 Datasheet HTML 1Page - C&K Components 5.46.167.042-0209 Datasheet HTML 2Page - C&K Components 5.46.167.042-0209 Datasheet HTML 3Page - C&K Components 5.46.167.042-0209 Datasheet HTML 4Page - C&K Components 5.46.167.042-0209 Datasheet HTML 5Page - C&K Components 5.46.167.042-0209 Datasheet HTML 6Page - C&K Components 5.46.167.042-0209 Datasheet HTML 7Page - C&K Components 5.46.167.042-0209 Datasheet HTML 8Page - C&K Components 5.46.167.042-0209 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PCB Keyswitches
4 - 3
4
PCB Keyswitches
Versions
Recommended
Key grid
Overall height
Contacts
Illumination
Keyswitch
Signal indicator
Page
Main switch KN19
≥ 19.05 x 38.1
mm
Spot
illuminated
with 1 LED
9.7 mm
Silver
Non-
illumi-
nated
4 - 75
RK 90 System
≥ 12.50 mm
Depending on the type of keyswitch used:
– RACON (without plunger)
– RF 15/RF 15 N
– RF 19
– KN 19
4 - 79
RG 85 III System
≥ 35/55 mm
Fully
illuminated
14 mm
Silver
Edge-illuminated
and symbol illumination
4 - 95
Full-Travael Keyswitch
RS 76
≥ 19.05 mm
15.5/15.9 mm
(with
key caps)
RS 76 M:
Gold
RS 76 C:
contactless
Non-
illumi-
nated
Fully/spot
illuminated
4 - 115
Keyswitches for
Conductor Board
≥ 19.05 mm
19.5 mm
(without key)
Gold
Non-illuminated
4 - 143
RF 19 H (high profile)
≥ 24 mm
12.5 mm
Gold
or
Silver
4 - 60
Fully
illuminated


Similar Part No. - 5.46.167.042-0209

ManufacturerPart #DatasheetDescription
logo
C&K Components
5.46.167.042/0209 CK-COMPONENTS-5.46.167.042/0209 Datasheet
687Kb / 19P
   PCB Keyswitches
More results

Similar Description - 5.46.167.042-0209

ManufacturerPart #DatasheetDescription
logo
C&K Components
1.14100.5020000 CK-COMPONENTS-1.14100.5020000 Datasheet
687Kb / 19P
   PCB Keyswitches
3.14.100.001-0000 CK-COMPONENTS-3.14.100.001-0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14200.0110000 CK-COMPONENTS-3.14200.0110000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
logo
Grayhill, Inc
87CC3-201 GRAYHILL-87CC3-201 Datasheet
710Kb / 5P
   1, 2, 3, 4, 5 and 6 Button Individual Keyswitches
logo
Shanghai Leiditech Elec...
LM0603N103F3435FA LEIDITECH-LM0603N103F3435FA Datasheet
1Mb / 12P
   PCB
logo
Shenzhenshi YONGFUKANG ...
CS8623E YONGFUKANG-CS8623E Datasheet
4Mb / 15P
   PCB
logo
List of Unclassifed Man...
L90 ETC2-L90 Datasheet
84Kb / 1P
   PCB
logo
Shanghai Leiditech Elec...
LM0402N103J4050FB LEIDITECH-LM0402N103J4050FB Datasheet
1Mb / 12P
   PCB
LM0603NH103F3380FB LEIDITECH-LM0603NH103F3380FB Datasheet
1Mb / 10P
   PCB
logo
MolexKits
76650-0233 MOLEXKITS-76650-0233 Datasheet
21Kb / 3P
   PCB Header, PCB Through Hole, Screw Mounted, Vertical PCB Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com