Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS0805N5KTR Datasheet(PDF) 3 Page - AVX Corporation

Part # AS0805N5KTR
Description  Square Air Core RF Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AS0805N5KTR Datasheet(HTML) 3 Page - AVX Corporation

  AS0805N5KTR Datasheet HTML 1Page - AVX Corporation AS0805N5KTR Datasheet HTML 2Page - AVX Corporation AS0805N5KTR Datasheet HTML 3Page - AVX Corporation AS0805N5KTR Datasheet HTML 4Page - AVX Corporation AS0805N5KTR Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PERFORMANCE SPECIFICATIONS
Square Air Core RF Inductors
AS Series
500
450
400
350
300
250
200
150
100
50
0
10
100
1000
10000
Frequency (MHz)
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
10
100
1000
10000
Frequency (MHz)
27N3
16N6
12N1
08N1
Inductance vs. Frequency
Typical Q vs. Frequency
250
200
150
100
50
0
10
100
1000
10000
Frequency (MHz)
30
25
20
15
10
5
0
10
100
1000
10000
Frequency (MHz)
22N0
17N0
11N2
06N9
Inductance vs. Frequency
Typical Q vs. Frequency
160
140
120
100
80
60
40
20
0
10
100
1000
10000
Frequency (MHz)
30
25
20
15
10
5
0
10
100
1000
10000
Frequency (MHz)
Inductance vs. Frequency
19N4
15N7
08N9
05N5
Typical Q vs. Frequency
AS07
AS08
AS06


Similar Part No. - AS0805N5KTR

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AS08 OHMITE-AS08 Datasheet
639Kb / 2P
   Anti-surge Thick Film Chip Resistors
logo
Roithner LaserTechnik G...
AS081C100W ROITHNER-AS081C100W Datasheet
137Kb / 2P
   High Power Stacked Infrared Laser Diode Array
AS081C200W ROITHNER-AS081C200W Datasheet
137Kb / 2P
   High Power Stacked Infrared Laser Diode Array
AS081C320W ROITHNER-AS081C320W Datasheet
137Kb / 2P
   High Power Stacked Infrared Laser Diode Array
AS081C40W ROITHNER-AS081C40W Datasheet
173Kb / 3P
   High Power Stacked Infrared Laser Diode Array
More results

Similar Description - AS0805N5KTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AS AVX-AS_15 Datasheet
158Kb / 5P
   Square Air Core RF Inductors
logo
Coilcraft lnc.
0807SQ-14NJLB COILCRAFT-0807SQ-14NJLB Datasheet
249Kb / 3P
   Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
234Kb / 3P
   Square Air Core Inductors
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
   Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
344Kb / 3P
   Square Air Core Inductors
1515SQ COILCRAFT-1515SQ Datasheet
546Kb / 3P
   Square Air Core Inductors
0806SQ-5N5GLC COILCRAFT-0806SQ-5N5GLC_16 Datasheet
335Kb / 3P
   Square Air Core Inductors
logo
Central Technologies
CT0806QF CT-CT0806QF Datasheet
99Kb / 1P
   Square Air Core Inductors
CT0806SQF CT-CT0806SQF Datasheet
140Kb / 1P
   Square Air Core Inductors
logo
Allied Components Inter...
SQAC1515 ALLIED-SQAC1515 Datasheet
1Mb / 1P
   SMD Square Air Core Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com