Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5CC012XV Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P5CC012XV
Description  Secure contact PKI smart card controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CC012XV Datasheet(HTML) 4 Page - NXP Semiconductors

  P5CC012XV Datasheet HTML 1Page - NXP Semiconductors P5CC012XV Datasheet HTML 2Page - NXP Semiconductors P5CC012XV Datasheet HTML 3Page - NXP Semiconductors P5CC012XV Datasheet HTML 4Page - NXP Semiconductors P5CC012XV Datasheet HTML 5Page - NXP Semiconductors P5CC012XV Datasheet HTML 6Page - NXP Semiconductors P5CC012XV Datasheet HTML 7Page - NXP Semiconductors P5CC012XV Datasheet HTML 8Page - NXP Semiconductors P5CC012XV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
P5CC008V1A_P5CC012V1A_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3 — 22 August 2012
195430
4 of 15
NXP Semiconductors
P5CC008V1A and P5CC012V1A
Secure contact PKI smart card controller
Latest built-in security features to avoid power (SPA/DPA), timing and fault attacks
(DFA)
Common criteria version 3.1 EAL5+ certification available (except ECC over GF(2n))
in conformance to BSI-PP-0035-2007 protection profile
2.
Features and benefits
2.1 Standard family features
EEPROM: choice of 8 KB or 12 KB
Data retention time: 25 years
Endurance: 500000 cycles
ROM: 196 KB
RAM: 6144 B
256 B IRAM + 3.25 KB Standard RAM usable for CPU
2560 B FXRAM shared memory for FameXE and CPU
Dedicated Secure_MX51 Smart Card CPU (Memory eXtended/enhanced 80C51)
5-metal layer 0.14
m CMOS technology
Operating in Contact mode
Featuring a 24-bit universal memory space, 24-bit program counter
Combined universal program/data linear address range up to 16 MB
Additional instructions to improve
- pointer operations
- performance
- code density of both C and Java source code
ISO/IEC 7816 contact interface
PKI coprocessor FameXE
High speed Triple-DES coprocessor (64-bit parallel processing DES engine)
Two or three keys loadable
Triple-DES calculation time < 40
s
Low power and low voltage design using NXP Semiconductors’ handshaking
technology
Multiple source vectorized interrupt system with four priority levels
Watch exception provides software debugging facility
Multiple source RESET system
Two 16-bit timers
High reliable EEPROM for both data storage and program execution
Bytewise EEPROM programming and read access
Versatile EEPROM programming of 1 B to 64 B at a time
Typical EEPROM page erasing time: 1.7 ms
Typical EEPROM page programming time: 1.0 ms
Power-saving Idle mode
Wake-up from Idle mode by RESET or any activated interrupt
Power-saving Sleep or Clockstop mode
Wake-up from Sleep or Clockstop mode by RESET or external interrupt


Similar Part No. - P5CC012XV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CC021 NXP-P5CC021 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC021UA NXP-P5CC021UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC021XS NXP-P5CC021XS Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC040 NXP-P5CC040 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC040UA NXP-P5CC040UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CC012XV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD016 NXP-P5CD016 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
logo
ATMEL Corporation
AT90SC6464C ATMEL-AT90SC6464C Datasheet
126Kb / 2P
   Secure Microcontroller for Smart Cards
AT90SC288144RU ATMEL-AT90SC288144RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC25672RCT ATMEL-AT90SC25672RCT Datasheet
99Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9608RC ATMEL-AT90SC9608RC Datasheet
56Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9618RCT ATMEL-AT90SC9618RCT Datasheet
60Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC9604RU ATMEL-AT90SC9604RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com